Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC57256AD Datasheet (PDF) - Toshiba Semiconductor

TC57256AD Datasheet PDF - Toshiba Semiconductor
Part # TC57256AD
Download  TC57256AD Download
File Size   456.73 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32,768 WORD X 8 BIT CMOS UV ERASABLE AND PROGRAMMABEL READ ONLY ELECTRICALLY

TC57256AD Datasheet (PDF)

Go To PDF Page Download Datasheet
TC57256AD Datasheet PDF - Toshiba Semiconductor

Part # TC57256AD
Download  TC57256AD Click to download

File Size   456.73 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32,768 WORD X 8 BIT CMOS UV ERASABLE AND PROGRAMMABEL READ ONLY ELECTRICALLY

TC57256AD Datasheet (HTML) - Toshiba Semiconductor


TC57256AD Product details

DESCRIPTION
The TC57256AD is a 32,768 word x 8 bit CMOS
ultraviolet light erasable and electrically programmable
read only memory. For read operation, the TC
57256AD's access time is 150ns, and the TC57256AD
operates from a single 5-volt power supply and has
low power standby mode which reduces the power
dissipation without increasing access time. The
standby mode is achieved by applying a TTL-high
level signal to the CE input. Advanced CMOS techn-
nology reduces the maximum active current to 30
mA/6.7MHz and standby current to 100μA
For program operation, the programming is achieved
by using the high speed programming mode.
TC57256AD is fabricated with the CMOS technology
and the N-channel silicon double layer gate MOS
technology.

FEATURES
• Peripheral circuit: CMOS
Memory cell
:N-MOS
• Low power dissipation
30mA/6.7MHZ (atcive)
(standby)
100μA
• Fast access time TC57256AD-15
150ns
TC57256AD-20 200ns
Single 5V power supply
• Full static operation
High speed programming mode
Inputs and outputs TTL compatible
Pin compatible with ROM TC53257P and
TMM23256P EPROM 27256
Standard 28 pin DIP cerdip Package




Similar Part No. - TC57256AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC57256AD ETC1-TC57256AD Datasheet
751Kb / 13P
32,768 WORD x 8 BIT UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
More results


Similar Description - TC57256AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HN4827128 ETC-HN4827128 Datasheet
205Kb / 4P
16384-Word x 8-bit UV Erasable and Programmable Read Only Memory
TC57512AD-15 ETC1-TC57512AD-15 Datasheet
675Kb / 13P
65,536 WORDS x 8 BITS CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
logo
Hitachi Semiconductor
HN462716 HITACHI-HN462716 Datasheet
305Kb / 5P
2048-WORD x 8-BIT UV ERASABLE AND ELECTRICALLY PROGRAMMABLE ONLY MEMORY
HN462732 HITACHI-HN462732 Datasheet
270Kb / 4P
4096-WORD x 8-BIT UV ERASABLE AND PROGRAMMABLE READ ONLY MEMORY
logo
List of Unclassifed Man...
TC57256D-85 ETC1-TC57256D-85 Datasheet
751Kb / 13P
32,768 WORD x 8 BIT UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
logo
Hitachi Semiconductor
HN462532 HITACHI-HN462532 Datasheet
267Kb / 4P
4096-word X 8-bit UV Erasable and Programmable Read Only Memory
logo
Toshiba Semiconductor
TC57256D TOSHIBA-TC57256D Datasheet
319Kb / 8P
32,768 WORD X 8 BIT CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABEL READ ONLY
TC574200D TOSHIBA-TC574200D Datasheet
326Kb / 12P
262,144 WORD x 16 BIT CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
TC57H1000AD TOSHIBA-TC57H1000AD Datasheet
299Kb / 10P
131,072 WORD x 8 BIT CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
TC57H256D TOSHIBA-TC57H256D Datasheet
692Kb / 13P
32.768 WORD x 8 BIT CMOS UV ERASABLE AND ELECTRICALLY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com