Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC574200D Datasheet (PDF) - Toshiba Semiconductor

TC574200D Datasheet PDF - Toshiba Semiconductor
Part # TC574200D
Download  TC574200D Download
File Size   326.89 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 262,144 WORD x 16 BIT CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY

TC574200D Datasheet (PDF)

Go To PDF Page Download Datasheet
TC574200D Datasheet PDF - Toshiba Semiconductor

Part # TC574200D
Download  TC574200D Click to download

File Size   326.89 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 262,144 WORD x 16 BIT CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY

TC574200D Datasheet (HTML) - Toshiba Semiconductor


TC574200D Product details

Description
The TC574200D is a 262,144 word x 16 bit CMOS ultraviolet light erasable and electrically programmable read only memory. It
is organized as either 256K words by 16 bits or 512K words by 8 bits.
The TC574200D is compatible with the 40-pin 4M bit Mask ROM and is available in a 40-pin standard cerdip package. The
TC574200D is fabricated using CMOS technology. Advanced circuit techniques result in both high speed and low power features
with access times of 100ns/120ns/150ns and a maximum operating current of 70mA/10MHz.
The programming time of the TC574200D (except for EPROM programmer overhead) is only 28 seconds when using the high
speed programming algorithm.

Features
• Peripheral circuit : CMOS
Memory cell
:NMOS
• Fast access time
-10
5V+5%
VOD
Temp
TACC
-120
0°C - 70°C
120ns
100ns
Single 5V power supply
• Low power dissipation
- Active
:
Standby
: 100μA
Fully static operation
5V±10%
-150
70mA/10MHz
150ns
• Inputs and outputs TTL compatible
Three state outputs
• High speed programming mode
• 4M MROM compatible pinout
• Standard 40-pin DIP cerdip package: WDIP40-P-600B
: tpw = 50μs
: TC534200P




Similar Part No. - TC574200D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC5747 ETC2-TC5747 Datasheet
2Mb / 44P
Single Chip CMOS Imager with Integrated Image Signal Processor and JPEG Codec
More results


Similar Description - TC574200D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HN4827128 ETC-HN4827128 Datasheet
205Kb / 4P
16384-Word x 8-bit UV Erasable and Programmable Read Only Memory
logo
Hitachi Semiconductor
HN462716 HITACHI-HN462716 Datasheet
305Kb / 5P
2048-WORD x 8-BIT UV ERASABLE AND ELECTRICALLY PROGRAMMABLE ONLY MEMORY
HN462732 HITACHI-HN462732 Datasheet
270Kb / 4P
4096-WORD x 8-BIT UV ERASABLE AND PROGRAMMABLE READ ONLY MEMORY
logo
List of Unclassifed Man...
TC57256D-85 ETC1-TC57256D-85 Datasheet
751Kb / 13P
32,768 WORD x 8 BIT UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
logo
Hitachi Semiconductor
HN27C4096HCC HITACHI-HN27C4096HCC Datasheet
459Kb / 18P
262,144-word x 16-bit CMOS UV Erasable and Programmable ROM
HN462532 HITACHI-HN462532 Datasheet
267Kb / 4P
4096-word X 8-bit UV Erasable and Programmable Read Only Memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
Electrically Erasable and Programmable Read Only Memory
logo
Toshiba Semiconductor
TC57256AD TOSHIBA-TC57256AD Datasheet
456Kb / 11P
32,768 WORD X 8 BIT CMOS UV ERASABLE AND PROGRAMMABEL READ ONLY ELECTRICALLY
TC57256D TOSHIBA-TC57256D Datasheet
319Kb / 8P
32,768 WORD X 8 BIT CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABEL READ ONLY
TC57H1000AD TOSHIBA-TC57H1000AD Datasheet
299Kb / 10P
131,072 WORD x 8 BIT CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com