Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC57256D Datasheet (PDF) - Toshiba Semiconductor

TC57256D Datasheet PDF - Toshiba Semiconductor
Part # TC57256D
Download  TC57256D Download
File Size   319.88 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32,768 WORD X 8 BIT CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABEL READ ONLY

TC57256D Datasheet (PDF)

Go To PDF Page Download Datasheet
TC57256D Datasheet PDF - Toshiba Semiconductor

Part # TC57256D
Download  TC57256D Click to download

File Size   319.88 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32,768 WORD X 8 BIT CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABEL READ ONLY

TC57256D Datasheet (HTML) - Toshiba Semiconductor


TC57256D Product details

DESCRIPTION
The TC57256D is a 32,768 word X8 bit CMOS
ultraviolet light erasable and electrically programmable read only memory. For read operation, the
TC57256D's access time is 200ns, and the TC57256D
operates from a single 5-volt power supply and has
low power standby mode which reduces the power
dissipation without increasing access time. The standby mode is achieved by applying a TTL-high level
signal to the CE input. Advanced CMOS technology
reduces the maximum active current to 30 mA/5MHz
and standby current to 100pA.
For program operation, the programming is achieved by using the high speed programming mode.
Program supply voltage is 21 V. The programming of
the TC57256D is accomplished within one and a half
minutes (typ.) TC57256D is fabricated using CMOS
technology and N-channel silicon double layer gate
MOS technology.

FEATURES
• Peripheral circuit: CMOS
Memory cell N-MOS
• Low power dissipation
30mA/5MHZ (active)
100llA (standby)
• Fast access time TC572560-20 200 ns
TC572560-25 250 ns
• Single 5V power supply
• Full static operation
• High speed programming mode
• Inputs and outputs TTL compatible
• Pin compatible with ROMS TC53257P, TMM23256P
- 'and EPROM i27256
• Standard 28 pin DIP cerdip Package




Similar Part No. - TC57256D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC57256D-70 ETC1-TC57256D-70 Datasheet
751Kb / 13P
32,768 WORD x 8 BIT UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
TC57256D-85 ETC1-TC57256D-85 Datasheet
751Kb / 13P
32,768 WORD x 8 BIT UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
More results


Similar Description - TC57256D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HN4827128 ETC-HN4827128 Datasheet
205Kb / 4P
16384-Word x 8-bit UV Erasable and Programmable Read Only Memory
TC57512AD-15 ETC1-TC57512AD-15 Datasheet
675Kb / 13P
65,536 WORDS x 8 BITS CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
logo
Hitachi Semiconductor
HN462716 HITACHI-HN462716 Datasheet
305Kb / 5P
2048-WORD x 8-BIT UV ERASABLE AND ELECTRICALLY PROGRAMMABLE ONLY MEMORY
HN462732 HITACHI-HN462732 Datasheet
270Kb / 4P
4096-WORD x 8-BIT UV ERASABLE AND PROGRAMMABLE READ ONLY MEMORY
logo
List of Unclassifed Man...
TC57256D-85 ETC1-TC57256D-85 Datasheet
751Kb / 13P
32,768 WORD x 8 BIT UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
logo
Hitachi Semiconductor
HN462532 HITACHI-HN462532 Datasheet
267Kb / 4P
4096-word X 8-bit UV Erasable and Programmable Read Only Memory
logo
Toshiba Semiconductor
TC57256AD TOSHIBA-TC57256AD Datasheet
456Kb / 11P
32,768 WORD X 8 BIT CMOS UV ERASABLE AND PROGRAMMABEL READ ONLY ELECTRICALLY
TC574200D TOSHIBA-TC574200D Datasheet
326Kb / 12P
262,144 WORD x 16 BIT CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
TC57H1000AD TOSHIBA-TC57H1000AD Datasheet
299Kb / 10P
131,072 WORD x 8 BIT CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
TC57H256D TOSHIBA-TC57H256D Datasheet
692Kb / 13P
32.768 WORD x 8 BIT CMOS UV ERASABLE AND ELECTRICALLY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com