Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C100 Datasheet (PDF) - Pericom Semiconductor Corporation

PI6C100 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6C100
Download  PI6C100 Download
File Size   584.57 Kbytes
Page   13 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision Clock Synthesizer for Desktop PC’s

PI6C100 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C100 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6C100
Download  PI6C100 Click to download

File Size   584.57 Kbytes
Page   13 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision Clock Synthesizer for Desktop PC’s

PI6C100 Datasheet (HTML) - Pericom Semiconductor Corporation


PI6C100 Product details

Description
The PI6C100 is a high-speed low-noise clock generator designed to work with the PI6C180 clock buffer to meet all clock needs for Intel Architecture platforms. CPU and chipset clock frequencies of 66.6 MHz and 100 MHz are supported.
Split supplies of 3.3V and 2.5V are used. The 3.3V power supply powers a portion of the I/O and the core. The 2.5V is used to power the remaining outputs. 2.5V signaling follows JEDEC standard 8-X. Power sequencing of the 3.3V and 2.5V supplies is not required.
An asynchronous PWRDWN# signal may be used to orderly power down (or up) the system.

Features
• Four copies of CPU clock with VDD of 2.5V + 5%
• 100 MHz or 66 MHz operation
• Eight copies of PCI clock, (synchronous with CPU clock) 3.3V
• Two copies of IO APIC clock @14.31818 MHz
• Two copies of 48 MHz clock
• Three copies of Ref. clock @14.31818 MHz (3.3V TTL)
• Low cost 14.31818 MHz crystal oscillator input
• Spread spectrum modulation of CPU and PCI clocks for reduced EMI
• Power management control
• Isolated core VDD, VSS pins for noise reduction
• 48-pin SSOP package (V48)




Similar Part No. - PI6C100

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
PI6C102H PERICOM-PI6C102H Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
PI6C103-XXL PERICOM-PI6C103-XXL Datasheet
568Kb / 12P
Precision Clock Synthesizer
PI6C103H PERICOM-PI6C103H Datasheet
568Kb / 12P
Precision Clock Synthesizer
More results


Similar Description - PI6C100

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
logo
Integrated Device Techn...
IDTCV104B IDT-IDTCV104B Datasheet
95Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Pericom Semiconductor C...
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
logo
Integrated Device Techn...
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV109E IDT-IDTCV109E Datasheet
104Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Pericom Semiconductor C...
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
Spread Spectrum Clock Synthesizer for Desktop Pentium II
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
Precision Clock Synthesizer for Mobile PCs
logo
Renesas Technology Corp
IDTCV105E RENESAS-IDTCV105E Datasheet
277Kb / 22P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
IDTCV119E RENESAS-IDTCV119E Datasheet
277Kb / 22P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com