Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C102H Datasheet (PDF) - Pericom Semiconductor Corporation

PI6C102H Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6C102H
Download  PI6C102H Download
File Size   588.45 Kbytes
Page   11 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision Clock Synthesizer for Mobile PCs

PI6C102H Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C102H Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6C102H
Download  PI6C102H Click to download

File Size   588.45 Kbytes
Page   11 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision Clock Synthesizer for Mobile PCs

PI6C102H Datasheet (HTML) - Pericom Semiconductor Corporation


PI6C102H Product details

Description
The PI6C102 is a high-speed low-noise clock generator designed to work with the Pericom’s PI6C18x clock buffer to meet all clock needs for Mobile Intel Architecture platforms. CPU and chipset clock frequencies of 66.6 MHz and 100 MHz are supported.
Split supplies of 3.3V and 2.5V are used. The 3.3V power supply powers a portion of the I/O and the core. The 2.5V is used to power the remaining outputs. 2.5V signaling follows JEDEC standard 8-X. Power sequencing of the 3.3V and 2.5V supplies is not required.
An asynchronous PWRDWN# signal may be used to orderly power down (or up) the system.

Features
• Two copies of CPU clock with VDD of 2.5V ±5%
• 100 MHz or 66.6 MHz operation
• Six copies of PCI clock, (synchronous with CPU clock) 3.3V
• One copy of Ref. Clock @ 14.31818 MHz (3.3VTTL)
• Low cost 14.31818 MHz crystal oscillator input
• Power management control
• Isolated core VDD, VSS pins for noise reduction
• 28-pin SSOP package (H)




Similar Part No. - PI6C102H

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
Precision Clock Synthesizer for Desktop PC’s
PI6C100V PERICOM-PI6C100V Datasheet
584Kb / 13P
Precision Clock Synthesizer for Desktop PC’s
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
PI6C103-XXL PERICOM-PI6C103-XXL Datasheet
568Kb / 12P
Precision Clock Synthesizer
PI6C103H PERICOM-PI6C103H Datasheet
568Kb / 12P
Precision Clock Synthesizer
More results


Similar Description - PI6C102H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1081V-2 MITSUBISHI-MF1081V-2 Datasheet
63Kb / 1P
FOR PCS MOBILE TELEPHONE, Rx
MF1082V-2 MITSUBISHI-MF1082V-2 Datasheet
64Kb / 1P
FOR PCS MOBILE TELEPHONE, Tx
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
logo
Cypress Semiconductor
CY2833 CYPRESS-CY2833 Datasheet
224Kb / 18P
Intel CK408 Mobile Clock Synthesizer
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
Precision Clock Synthesizer for Mobile PCs
logo
Cypress Semiconductor
CY2285 CYPRESS-CY2285 Datasheet
123Kb / 9P
100-MHz Pentium짰II Clock Synthesizer/Driver with Spread Spectrum for Mobile PCs
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
CY28339 SPECTRALINEAR-CY28339 Datasheet
160Kb / 17P
Intel CK408 Mobile Clock Synthesizer
logo
Diodes Incorporated
PI6C6612 DIODES-PI6C6612 Datasheet
367Kb / 5P
3.3V Precision Audio Clock Synthesizer
11/12/08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com