Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2280 Datasheet (PDF) - SpectraLinear Inc

CY2280 Datasheet PDF - SpectraLinear Inc
Part # CY2280
Download  CY2280 Download
File Size   170.33 Kbytes
Page   11 Pages
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc
Description 100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs

CY2280 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY2280 Datasheet PDF - SpectraLinear Inc

Part # CY2280
Download  CY2280 Click to download

File Size   170.33 Kbytes
Page   11 Pages
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc
Description 100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs

CY2280 Datasheet (HTML) - SpectraLinear Inc


CY2280 Product details

Functional Description
The CY2280 is a Spread Spectrum clock synthesizer/driver for a Pentium II, or other similar processor-based PC requiring 100-MHz support. All of the required system clocks are provided in a space-saving 48-pin SSOP package. The CY2280 can be used with the CY231x for a total solution for systems with SDRAM.

Features
• Mixed 2.5V and 3.3V operation
• Clock solution for Pentium® II, and other similar processor-based motherboards
   — Four 2.5V CPU clocks up to 100 MHz
   — Eight 3.3V sync. PCI clocks, one free-running
   — Two 3.3V 48-MHz USB clocks
   — Three 3.3V Ref. clocks at 14.318 MHz
   — Two 2.5V APIC clocks at 14.318 MHz or PCI/2
• EMI control
   — Spread spectrum clocking
   — Factory-EPROM programmable spread spectrum margin
   — Factory-EPROM programmable output drive and slew rate
• Factory-EPROM programmable CPU clock frequencies for custom configurations
• Available in space-saving 48-pin SSOP package




Similar Part No. - CY2280

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
547Kb / 10P
Universal Programmable Clock Generator (UPCG)
CY22800-001A CYPRESS-CY22800-001A Datasheet
547Kb / 10P
Universal Programmable Clock Generator (UPCG)
CY22800-002A CYPRESS-CY22800-002A Datasheet
547Kb / 10P
Universal Programmable Clock Generator (UPCG)
More results


Similar Description - CY2280

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
CY2287 CYPRESS-CY2287 Datasheet
148Kb / 13P
100-MHz Spread Spectrum Clock Synthesizer/Driver with USB, Hublink, and SDRAM Support
logo
Pericom Semiconductor C...
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
Spread Spectrum Clock Synthesizer for Desktop Pentium II
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
27 MHz Spread Spectrum Clock Synthesizer
logo
Cypress Semiconductor
CY2285 CYPRESS-CY2285 Datasheet
123Kb / 9P
100-MHz Pentium짰II Clock Synthesizer/Driver with Spread Spectrum for Mobile PCs
logo
SpectraLinear Inc
CY2277A SPECTRALINEAR-CY2277A Datasheet
293Kb / 18P
Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop/ Mobile PCs with Intel짰 82430TX and 2 DIMMs or 3 SO-DIMMs
logo
Cypress Semiconductor
W254B CYPRESS-W254B Datasheet
254Kb / 17P
133-MHz Spread Spectrum FTG for Mobile Pentium짰 III Platforms
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com