Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2280 Datasheet (PDF) - Cypress Semiconductor

CY2280 Datasheet PDF - Cypress Semiconductor
Part # CY2280
Download  CY2280 Download
File Size   152.92 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs

CY2280 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY2280 Datasheet PDF - Cypress Semiconductor

Part # CY2280
Download  CY2280 Click to download

File Size   152.92 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs

CY2280 Datasheet (HTML) - Cypress Semiconductor


CY2280 Product details

Functional Description
The CY2280 is a Spread Spectrum clock synthesizer/driver for a Pentium II, or other similar processor-based PC requiring 100-MHz support. All of the required system clocks are provided in a space-saving 48-pin SSOP package. The CY2280 can be used with the CY231x for a total solution for systems with SDRAM.

Features
• Mixed 2.5V and 3.3V operation
• Clock solution for Pentium® II, and other similar processor-based motherboards
   — Four 2.5V CPU clocks up to 100 MHz
   — Eight 3.3V sync. PCI clocks, one free-running
   — Two 3.3V 48-MHz USB clocks
   — Three 3.3V Ref. clocks at 14.318 MHz
   — Two 2.5V APIC clocks at 14.318 MHz or PCI/2
• EMI control
   — Spread spectrum clocking
   — Factory-EPROM programmable spread spectrum margin
   — Factory-EPROM programmable output drive and slew rate
• Factory-EPROM programmable CPU clock frequencies for custom configurations
• Available in space-saving 48-pin SSOP package




Similar Part No. - CY2280

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
547Kb / 10P
Universal Programmable Clock Generator (UPCG)
CY22800-001A CYPRESS-CY22800-001A Datasheet
547Kb / 10P
Universal Programmable Clock Generator (UPCG)
CY22800-002A CYPRESS-CY22800-002A Datasheet
547Kb / 10P
Universal Programmable Clock Generator (UPCG)
More results


Similar Description - CY2280

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W161 CYPRESS-W161 Datasheet
117Kb / 9P
133-MHz Spread Spectrum FTG for Pentium II Platforms
October 13, 1999, rev.
W167B CYPRESS-W167B Datasheet
180Kb / 18P
133-MHz Spread Spectrum FTG for Pentium II Platforms
November 2, 1999
CY2287 CYPRESS-CY2287 Datasheet
148Kb / 13P
100-MHz Spread Spectrum Clock Synthesizer/Driver with USB, Hublink, and SDRAM Support
logo
Pericom Semiconductor C...
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
Spread Spectrum Clock Synthesizer for Desktop Pentium II
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
27 MHz Spread Spectrum Clock Synthesizer
logo
Cypress Semiconductor
CY2285 CYPRESS-CY2285 Datasheet
123Kb / 9P
100-MHz Pentium짰II Clock Synthesizer/Driver with Spread Spectrum for Mobile PCs
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com