Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C104 Datasheet (PDF) - Pericom Semiconductor Corporation

PI6C104 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6C104
Download  PI6C104 Download
File Size   560.52 Kbytes
Page   14 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Spread Spectrum Clock Synthesizer for Desktop Pentium II

PI6C104 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C104 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6C104
Download  PI6C104 Click to download

File Size   560.52 Kbytes
Page   14 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Spread Spectrum Clock Synthesizer for Desktop Pentium II

PI6C104 Datasheet (HTML) - Pericom Semiconductor Corporation


PI6C104 Product details

Description
The PI6C104 is a high-speed low-noise clock generator designed to work with the PI6C18X family of clock buffer to meet all clock needs for Desktop Intel Architecture platforms. CPU and chipset clock frequencies from 66.6 MHz to 112 MHz are supported.

Features
• Up to 112 MHz operation
• Spread Spectrum Modulation for CPUCLK, and PCICLK
• Two copies of CPU clock with VDD of 2.5V ±5%
• Seven copies of PCI clock, (synchronous with CPU clock) 3.3V
• One copy of Ref. clock @ 14.31818MHz (3.3VTTL)
• 48MHz USB Clock, 24MHz Super I/O clock
• I2C Serial Configuration Interface
• Low cost 14.31818MHz crystal oscillator input
• Power management control
• Isolated core VDD, VSS pins for noise reduction
• 28-pin SSOP (H) and SOIC package (S)




Similar Part No. - PI6C104

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
Precision Clock Synthesizer for Desktop PC’s
PI6C100V PERICOM-PI6C100V Datasheet
584Kb / 13P
Precision Clock Synthesizer for Desktop PC’s
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
PI6C102H PERICOM-PI6C102H Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
More results


Similar Description - PI6C104

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
Spread Spectrum Clock Synthesizer
Revision 082305
ICS650-44 ICST-ICS650-44 Datasheet
176Kb / 10P
Spread Spectrum Clock Synthesizer
Revision 080305
ICS650-47 ICST-ICS650-47 Datasheet
171Kb / 10P
Spread Spectrum Clock Synthesizer
Revision 082305
logo
Pericom Semiconductor C...
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
27MHz Spread Spectrum Clock Synthesizer
logo
Renesas Technology Corp
IDT5P50901 RENESAS-IDT5P50901 Datasheet
335Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV F 082112
IDT5P50911 RENESAS-IDT5P50911 Datasheet
313Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
070214
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com