Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC15 Datasheet (PDF) - STMicroelectronics

STBC15 Datasheet PDF - STMicroelectronics
Part # STBC15
Download  STBC15 Download
File Size   832.03 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low current consumption linear battery charger

STBC15 Datasheet (PDF)

Go To PDF Page Download Datasheet
STBC15 Datasheet PDF - STMicroelectronics

Part # STBC15
Download  STBC15 Click to download

File Size   832.03 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low current consumption linear battery charger

STBC15 Datasheet (HTML) - STMicroelectronics


STBC15 Product details

Features
• Charges thin film battery with CC-CV algorithm
• L version suitable for Li-Ion batteries
• Charging current up to 40 mA (selectable by dedicated pins)
• 250 nA battery leakage current
• Reverse current protection from battery to supply input
• Programmable floating voltage with 0.5% accuracy
• Battery overcurrent protection
• Battery over-discharge protection switch totally disconnects battery for cell
durability
• Shelf-mode supported, no battery mechanical switch needed
• Power-Good open-drain output
• Valid source open drain output
• Peak mode input to avoid over-discharge false triggering
• Available packages:
– QFN12 1.7 x 2.0 mm, thickness 0.55 mm max.
– Flip-chip12 1.1 x 1.4 mm, 300 μm pitch

Applications
• Fitness portable Internet of Things
• Energy harvesting application
• Smart cards
• Wireless sensor nodes
• Portable health care devices
• Fitness and wellness wearable devices

Description
The STBC15 is a linear charger thin film battery with a maximum charging current of
40 mA. The device uses a CC/CV algorithm to charge the battery. Thanks to the
ultra-low consumption architecture, the charger is suitable for low-capacity cells such
as thin film batteries and can use low energy sources such as energy harvesters. A 5
V input like a standard USB port can be used as a voltage source as well. A specific
version (-L) is available to charge Li-Ion cells.
The STBC15 integrates an over-discharge and overcurrent protection circuitry to
prevent the battery from being damaged under fault conditions. The floating voltage
value can be set to four different values by using dedicated selection inputs. A higher
set of floating voltages, suitable for Li-Ion batteries, is available in the -L version of
the product. A dedicated pin allows the device to be set in shelf-mode. In this
condition, the STBC15 consumes less than 10 nA, thus not discharging the battery
before the final device is activated by the end user. The ultra-low power architecture
allows the STBC15 to consume less than 250 nA when the input power source is
removed and less than 10 nA in over-discharge-mode.
The device is available in a (1.7 × 2.0 mm) 12-lead QFN package, 400 μm pitch, 0.55
mm max. thickness or in Flip-chip 1.1 x 1.4 mm 12 bumps 300 μm pitch.




Similar Part No. - STBC15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBC02 STMICROELECTRONICS-STBC02 Datasheet
2Mb / 39P
Li-Ion linear battery charger with LDO, load switches and reset generator
02-Dec-2016
STBC02AJR STMICROELECTRONICS-STBC02AJR Datasheet
2Mb / 39P
Li-Ion linear battery charger with LDO, load switches and reset generator
02-Dec-2016
STBC02BJR STMICROELECTRONICS-STBC02BJR Datasheet
2Mb / 39P
Li-Ion linear battery charger with LDO, load switches and reset generator
02-Dec-2016
STBC02JR STMICROELECTRONICS-STBC02JR Datasheet
2Mb / 39P
Li-Ion linear battery charger with LDO, load switches and reset generator
02-Dec-2016
STBC03 STMICROELECTRONICS-STBC03 Datasheet
1Mb / 34P
Li-Ion linear battery charger with LDO and load switches
February 2017 Rev 2
More results


Similar Description - STBC15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
Linear Battery Charger
Rev 0; 9/08
logo
Seiko Instruments Inc
S1206 SII-S1206 Datasheet
557Kb / 35P
ULTRA LOW CURRENT CONSUMPTION AND
S5470 SII-S5470 Datasheet
245Kb / 24P
ULTRA-LOW CURRENT CONSUMPTION
S-5470A21I-M5T1U SII-S-5470A21I-M5T1U Datasheet
1Mb / 24P
ULTRA-LOW CURRENT CONSUMPTION
logo
Panasonic Semiconductor
EKMB1100100 PANASONIC-EKMB1100100 Datasheet
1Mb / 4P
Low current consumption for battery-driven applications
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
Linear Li-Ion Battery Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
Linear Li-Ion Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
logo
Lowpower Semiconductor ...
LP4059 POWER-LP4059 Datasheet
365Kb / 9P
Low standby power consumption 800mA Linear Li-Ion Battery Charger
logo
Infineon Technologies A...
TLE7276-2E INFINEON-TLE7276-2E Datasheet
424Kb / 19P
Ultra Low Current Consumption 20
Rev. 1.0, June 2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com