Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC15 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STBC15
Description  Ultra-low current consumption linear battery charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC15 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STBC15 Datasheet HTML 2Page - STMicroelectronics STBC15 Datasheet HTML 3Page - STMicroelectronics STBC15 Datasheet HTML 4Page - STMicroelectronics STBC15 Datasheet HTML 5Page - STMicroelectronics STBC15 Datasheet HTML 6Page - STMicroelectronics STBC15 Datasheet HTML 7Page - STMicroelectronics STBC15 Datasheet HTML 8Page - STMicroelectronics STBC15 Datasheet HTML 9Page - STMicroelectronics STBC15 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBAT_OVD
Battery over discharge
disconnection threshold
STBC15, VCHGIN = 0 V, IOUT = 0 A,
PKM = 0 (peak mode disabled)
3.15
3.25
3.3
V
STBC15,
VCHGIN = 0 V, IOUT = 0 A,
PKM=1 (peak mode enabled)
2.15
2.25
2.3
STBC15L, VCHGIN = 0 V, IOUT = 0 A,
PKM = 0 or 1
2.60
2.7
2.75
VBAT_FF
Battery disconnected FF
retention voltage
VCHGIN = 0 V,
VBAT < VBAT_OVD
1.8
V
VBAT_CONN
Battery connected threshold –
rising
STBC15,
VCHGIN = 0 V, IOUT = 0 A,
PKM = 0 or 1
3.98
4.1
4.22
V
STBC15L,
VCHGIN = 0 V, IOUT = 0 A,
PKM = 0 (peak mode disabled)
3.6
V
STBC15L,
VCHGIN = 0 V, IOUT = 0 A,
PKM=1 (peak mode enabled)
3.9
V
VBAT_CONN _H
Battery connected threshold
hysteresis
100
mV
VBAT_ASD
Battery ASD threshold
VCHGIN-VBAT
50
mV
VBAT_RECHG
Battery recharge threshold
VBAT -VCHGIN
170
mV
RIN_BAT
Input-to-battery
on-resistance
6
10
RDSON_M3
M3 transistor on-resistance
3
RIN_SM
Input shelf mode
pull-down resistor
SM pin vs. GND
100
kΩ
IIN_PKM
PKM input current leakage
0.1
nA
IIN_SET
VSET0,1, ISET0,1 input current
leakage
0.1
nA
VIL
Logic low input level (VSET0,1,
ISET0,1)
To see threshold plot in full temperature
range
0.4
V
VIH
Logic high input level
(VSET0,1, ISET0,1)
1.6
VCHGIN
V
VIL2
Logic low input level
(SM, PKM)
0.4
V
VIH2
Logic high input level
(SM, PKM)
VBAT = 3.6 V
1.8
VOUT
V
VBAT = 4.2 V
2.0
VOUT
VOLPG
PG output logic level
IOL = 1 mA
0.4
V
IOHPG
PG output current leakage
VOH = 3.3 V
0.2
µA
VOL-CHGIN_OK
CHGINOK, output logic level
IOL = 1 mA
0.4
V
STBC15
Electrical characteristics
DS12551 - Rev 1
page 6/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com