Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC15 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STBC15
Description  Ultra-low current consumption linear battery charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC15 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STBC15 Datasheet HTML 8Page - STMicroelectronics STBC15 Datasheet HTML 9Page - STMicroelectronics STBC15 Datasheet HTML 10Page - STMicroelectronics STBC15 Datasheet HTML 11Page - STMicroelectronics STBC15 Datasheet HTML 12Page - STMicroelectronics STBC15 Datasheet HTML 13Page - STMicroelectronics STBC15 Datasheet HTML 14Page - STMicroelectronics STBC15 Datasheet HTML 15Page - STMicroelectronics STBC15 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Table 6. STBC15 floating voltage selection
VSET1
VSET0
Floating voltage [V]
0
0
4.00
0
1
4.05
1
0
4.10
1
1
4.20
Table 7. STBC15L floating voltage selection
VSET1
VSET0
Floating voltage [V]
0
0
4.20
0
1
4.25
1
0
4.35
1
1
4.40
7.3
Charge current selection
The charge current is defined by external pin configuration shown in the table below.
Table 8. Charge current selection
ISET1
ISET0
Battery charging current [mA]
0
0
10
0
1
20
1
0
30
1
1
40
7.4
Battery recharge
When CHGIN voltage drops below the level defined by VBAT - VBAT_ASD, the device turns M3 on and the OUT pin
is supplied by the battery (BPS state). The battery recharge restarts again when the voltage on CHGIN exceeds
the level defined by VBAT + VBAT_RECHG voltage. The device goes to CHG state.
7.5
Over-discharge protection and peak mode
The STBC15 protects the battery by disconnecting it when its voltage is below a certain level defined by the
VBAT_OVD threshold. This function protects the battery from over-discharging. In order to maintain the over-
discharge status, the battery voltage should, in any condition, stay above the VBAT_FF threshold.
In some application conditions, such as during RF transmission bursts, it is requested that the battery sustains
short transients below the typical VBAT_OVD level. In order to support this behavior and avoid false triggering of the
over-discharge mechanism, it is possible to lower the VBAT_OVD threshold by using the PKM pin. When this pin is
pulled low, the VBAT_OVD threshold is decreased to a lower level according to the table below.
Table 9. Battery over-discharge voltages for the STBC15
PKM
Min. VBAT_OVD [V]
Max. VBAT_OVD [V]
0
3.2
3.3
STBC15
Charge current selection
DS12551 - Rev 1
page 12/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com