Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC15 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STBC15
Description  Ultra-low current consumption linear battery charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC15 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STBC15 Datasheet HTML 15Page - STMicroelectronics STBC15 Datasheet HTML 16Page - STMicroelectronics STBC15 Datasheet HTML 17Page - STMicroelectronics STBC15 Datasheet HTML 18Page - STMicroelectronics STBC15 Datasheet HTML 19Page - STMicroelectronics STBC15 Datasheet HTML 20Page - STMicroelectronics STBC15 Datasheet HTML 21Page - STMicroelectronics STBC15 Datasheet HTML 22Page - STMicroelectronics STBC15 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Contents
1
Application schematic .............................................................2
2
Pin configuration ..................................................................3
3
Maximum ratings ..................................................................4
4
Electrical characteristics...........................................................5
5
Typical performance characteristics ...............................................8
6
Control pin description ...........................................................10
7
Operation description.............................................................11
7.1
Battery charger finite state machine (FSM) ........................................ 11
7.2
Floating voltage selection....................................................... 11
7.3
Charge current selection ....................................................... 12
7.4
Battery recharge .............................................................. 12
7.5
Over-discharge protection and peak mode ........................................ 12
7.6
Shelf mode................................................................... 13
7.7
Reverse current protection...................................................... 13
7.8
STBC15 / STBC15L difference summary.......................................... 13
8
Package information..............................................................14
8.1
TQFN 12 (2.00 x 1.70 mm) package information ................................... 14
8.2
Flip-chip12 (1.10 x 1.41 mm) package information .................................. 15
9
Ordering information .............................................................18
Revision history .......................................................................19
STBC15
Contents
DS12551 - Rev 1
page 20/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com