Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC15 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STBC15
Description  Ultra-low current consumption linear battery charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC15 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STBC15 Datasheet HTML 7Page - STMicroelectronics STBC15 Datasheet HTML 8Page - STMicroelectronics STBC15 Datasheet HTML 9Page - STMicroelectronics STBC15 Datasheet HTML 10Page - STMicroelectronics STBC15 Datasheet HTML 11Page - STMicroelectronics STBC15 Datasheet HTML 12Page - STMicroelectronics STBC15 Datasheet HTML 13Page - STMicroelectronics STBC15 Datasheet HTML 14Page - STMicroelectronics STBC15 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
7
Operation description
7.1
Battery charger finite state machine (FSM)
The battery charger implements a CC/CV control algorithm to charge the battery connected to BAT. Since the
STBC15 is dedicated to low capacity batteries pre-charge or termination phases are not necessary. Both the
floating voltage and the charging current are configurable by dedicated pins, VSET1,2 and ISET1,2.
The device finite state machine behavior is shown in following diagram.
Figure 10. Operational simplified state machine diagram
SHM: shelf mode
BPS: system powered by battery
CHG: battery is being recharged, Vout ok
CHG PS: Vout not good, battery charged through M3 body
7.2
Floating voltage selection
The battery floating voltage can be set by VSET0,1 pins. In order to increase the number of charging cycles, lower
floating voltage values are preferred. On the other side, the reduced floating voltage leads to the decreased
energy stored into the battery.
The battery floating voltage can be set by VSET0,1 pins. In order to increase the number of charging cycles, lower
floating voltage values are preferred. On the other side, the reduced floating voltage leads to the decreased
energy stored into the battery. The best trade-off can be chosen according to application needs. Different range of
floating voltages can be utilized by using different part numbers.
STBC15
Operation description
DS12551 - Rev 1
page 11/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com