Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC15 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STBC15
Description  Ultra-low current consumption linear battery charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC15 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STBC15 Datasheet HTML 11Page - STMicroelectronics STBC15 Datasheet HTML 12Page - STMicroelectronics STBC15 Datasheet HTML 13Page - STMicroelectronics STBC15 Datasheet HTML 14Page - STMicroelectronics STBC15 Datasheet HTML 15Page - STMicroelectronics STBC15 Datasheet HTML 16Page - STMicroelectronics STBC15 Datasheet HTML 17Page - STMicroelectronics STBC15 Datasheet HTML 18Page - STMicroelectronics STBC15 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Table 12. QFN12 (1.7 x 2.0 mm) package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.4
0.50
0.55
A1
0.00
0.03
0.05
A2
0.28
0.38
0.48
A3
0.125
b
0.15
0.20
0.25
D
1.60
1.70
1.80
E
1.95
2.00
2.05
e
0.40
E
1.90
2.00
2.10
L
0.35
0.45
0.55
aaa
0.15
bbb
0.10
ccc
0.08
ddd
0.05
eee
0.10
Figure 12. QFN12 (1.7 x 2.0 mm) recommended footprint
STBC15
QFN12 (1.7 x 2.0 mm) package information
DS12551 - Rev 1
page 15/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com