Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC15 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STBC15
Description  Ultra-low current consumption linear battery charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC15 Datasheet(HTML) 2 Page - STMicroelectronics

  STBC15 Datasheet HTML 1Page - STMicroelectronics STBC15 Datasheet HTML 2Page - STMicroelectronics STBC15 Datasheet HTML 3Page - STMicroelectronics STBC15 Datasheet HTML 4Page - STMicroelectronics STBC15 Datasheet HTML 5Page - STMicroelectronics STBC15 Datasheet HTML 6Page - STMicroelectronics STBC15 Datasheet HTML 7Page - STMicroelectronics STBC15 Datasheet HTML 8Page - STMicroelectronics STBC15 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
1
Application schematic
Figure 1. STBC15 application schematic
CHGIN
VSET0
VSET1
ISET0
ISET1
SM
PKM
OUT
CHGINOK
PG
BAT
GND
from MCU
ISET0,1 to
CHGIN
for 40mA
VSET0,12 to
CHGIN for 4.2 VFLOAT
C1
C2
STBC15
System
Source
R2
R1
Table 1. Typical bill of material (BOM)
Symbol
Value
Description
Note
C1
10 µF (16 V)
Input supply voltage capacitor
Ceramic type
C2
10 µF (10 V)
System output capacitor
Ceramic type
R1, R2
10 kΩ
Pull-up resistors
Film type
STBC15
Application schematic
DS12551 - Rev 1
page 2/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com