Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9545AD Datasheet (PDF) - NXP Semiconductors

PCA9545AD Datasheet PDF - NXP Semiconductors
Part # PCA9545AD
Download  PCA9545AD Download
File Size   455.33 Kbytes
Page   33 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 4-channel I2C-bus switch with interrupt logic and reset

PCA9545AD Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9545AD Datasheet PDF - NXP Semiconductors

Part # PCA9545AD
Download  PCA9545AD Click to download

File Size   455.33 Kbytes
Page   33 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 4-channel I2C-bus switch with interrupt logic and reset

PCA9545AD Datasheet (HTML) - NXP Semiconductors


PCA9545AD Product details

General description
The PCA9545A is a quad bidirectional translating switch controlled via the I2C-bus. The
SCL/SDA upstream pair fans out to four downstream pairs, or channels. Any individual
SCx/SDx channel or combination of channels can be selected, determined by the
contents of the programmable control register. Four interrupt inputs, INT0 to INT3, one
for each of the downstream pairs, are provided. One interrupt output, INT, acts as an
AND of the four interrupt inputs.
An active LOW reset input allows the PCA9545A to recover from a situation where one
of the downstream I2C-buses is stuck in a LOW state. Pulling the RESET pin LOW resets
the I2C-bus state machine and causes all the channels to be deselected as does the
internal power-on reset function.
The pass gates of the switches are constructed such that the VDD pin can be used to limit
the maximum high voltage which is passed by the PCA9545A. This allows the use of
different bus voltages on each pair, so that 1.8 V or 2.5 V or 3.3 V parts can communicate
with 5 V parts without any additional protection. External pull-up resistors pull the bus up
to the desired voltage level for each channel. All I/O pins are 5 V tolerant.

Features and benefits
• 1-of-4 bidirectional translating switches
• I2C-bus interface logic; compatible with SMBus standards
• Four active LOW interrupt inputs
• Active LOW interrupt output
• Active LOW reset input
• Two address pins allowing up to four devices on the I2C-bus
• Channel selection via I2C-bus, in any combination
• Power-up with all switch channels deselected
• Low Ron switches
• Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses
• No glitch on power-up
• Supports hot insertion
• Low standby current
• Operating power supply voltage range of 2.3 V to 5.5 V
• 5 V tolerant Inputs
• 0 Hz to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
• Latch-up protection exceeds 100 mA per JESD78
• Three packages offered: SO20, TSSOP20, and HVQFN20




Similar Part No. - PCA9545AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9545AD PHILIPS-PCA9545AD Datasheet
155Kb / 27P
4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
PCA9545AD NXP-PCA9545AD Datasheet
160Kb / 28P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
logo
Texas Instruments
PCA9545ADGVR TI-PCA9545ADGVR Datasheet
834Kb / 28P
4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
PCA9545ADGVRG4 TI1-PCA9545ADGVRG4 Datasheet
1Mb / 37P
Interrupt Logic and Reset Functions
PCA9545ADGVT TI-PCA9545ADGVT Datasheet
834Kb / 28P
4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
More results


Similar Description - PCA9545AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
2-channel I2C switch with interrupt logic and reset
2004 Oct 01
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
logo
Texas Instruments
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
PCA9543A TI-PCA9543A Datasheet
499Kb / 20P
TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
logo
Texas Instruments
TCA9543A TI1-TCA9543A_15 Datasheet
1Mb / 32P
TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
4-channel I2C-bus switch with interrupt logic and reset
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com