Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STID128 Datasheet (PDF) - STMicroelectronics

STID128 Datasheet PDF - STMicroelectronics
Part # STID128
Download  STID128 Download
File Size   162.57 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DOCSIS 3.0 and video front-end for gateway set-top box and cable modem

STID128 Datasheet (PDF)

Go To PDF Page Download Datasheet
STID128 Datasheet PDF - STMicroelectronics

Part # STID128
Download  STID128 Click to download

File Size   162.57 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DOCSIS 3.0 and video front-end for gateway set-top box and cable modem

STID128 Datasheet (HTML) - STMicroelectronics


STID128 Product details

Features
■ Dual CPU architecture - one for DOCSIS® and
one for host including eRouting and VoIP
management
■ ARM Cortex-A9 770 MHz, dual-core CPU with
NEON™ SIMD co-processor
■ DOCSIS 3.0 data cable modem:
– Up to 16 downstream channels (up to
800 Mbit/s)
– Up to 4 upstream channels
■ Up to 8 video QAM demodulation channels
■ Video QAM operations independent from
DOCSIS
■ Digital direct interface to full band tuners
■ VoIP through ARM Cortex-A9 CPU:
– Up to 2 lines VoIP with PacketCable™ 1.5
or 2.0 reference software
■ USB 2.0 host interface
■ 2 x PCIe interfaces for WiFi connectivity
■ DDR2/3, 8/16-bit LMI interface
■ Serial NOR, SPI interface
■ 3 x Gbit Ethernet ports
■ Flexible channel allocation for active standby
power consumption reduction

Description
STiD128 is STMicroelectronics’ next generation
front-end device for interactive cable gateway and
set-top box applications. STiD128 can also be
used standalone for cable modem application.
STiD128 provides a solution for operators to
specify a range of very high-performance
DOCSIS 3.0 STB, multimedia gateway or cable
modem platforms.
A total of 16 demodulation channels can be used
for DOCSIS out of which 8 channels can be used
as video channels. Allocation of the channels is
flexible.
A powerful dual core CPU allows telephony and
data distribution including routing/switching and
firewalling.




Similar Part No. - STID128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIDP880 STMICROELECTRONICS-STIDP880 Datasheet
99Kb / 6P
iDP to LVDS converter
10-Dec-2009
More results


Similar Description - STID128

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9873 AD-AD9873 Datasheet
935Kb / 39P
Analog Front End Converter for Set-Top Box, Cable Modem
14-Jul-2000
AD9877 AD-AD9877 Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
5/05-Rev. A to Rev. B
AD9879 AD-AD9879 Datasheet
364Kb / 24P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV.0
logo
List of Unclassifed Man...
MT2050 ETC1-MT2050 Datasheet
288Kb / 2P
CABLE MODEM TUNER AND DIGITAL SET-TOP BOX APPLICATIONS
logo
Analog Devices
AD9879 AD-AD9879_05 Datasheet
780Kb / 32P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
logo
TOKO, Inc
R975ACITN-1140 TOKO-R975ACITN-1140 Datasheet
216Kb / 2P
Diplexers for Digital CATV Set Top Box and Cable Modem
logo
Analog Devices
AD9873 AD-AD9873_15 Datasheet
932Kb / 39P
Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9877 AD-AD9877_15 Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9879 AD-AD9879_15 Datasheet
779Kb / 32P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9877 AD-AD9877_17 Datasheet
491Kb / 37P
Set-Top Box, Cable Modem
23-Feb-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com