Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STID128 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STID128
Description  DOCSIS 3.0 and video front-end for gateway set-top box and cable modem
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STID128 Datasheet(HTML) 2 Page - STMicroelectronics

  STID128 Datasheet HTML 1Page - STMicroelectronics STID128 Datasheet HTML 2Page - STMicroelectronics STID128 Datasheet HTML 3Page - STMicroelectronics STID128 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction
STiD128
2/4
Doc ID 023589 Rev 3
1
Introduction
The STiD128 DOCSIS 3.0 cable modem integrates multi-stream transport processing,
real-time CPU, eRouter/switch, embedded cable modem, embedded digital voice adaptor,
VoIP, USB 2.0 host, three GMAC interfaces and two PCIe interfaces.
Features
Benefits
Dual-core, ARM Cortex-A9, 770 MHz
applications CPU with 512 KB L2 cache.
Enables high performance networking and VoIP.
16 QAM channels for DOCSIS.
With 16-channels capability, STiD128 can provide
a future proof solution for next generation gateway
devices.
Telephony, VoIP with PacketCable™ 1.5 and 2.0
complete stack.
STiD128 enables a complete, cost-effective
telephony solution, with external components
reduced down to a standard Slic Codec.
A direct interface to an RF DECT or CAT-iqTM
device is available to allow the integration of the
DECT functionality with the packet cable or set-top
box stack.
eRouter and firewall for data distribution through
Gbit Ethernet MAC or PCIe interface.
STiD128 manages the broadband data distribution
within the home. The Gigabit Ethernet interfaces
allow connection to a switch or PHY, or to home
networking technology devices such as MoCA
®,
HomePlug or HPNA.
The PCIe interfaces permit efficient data transfer
through WiFi devices.
Video over DOCSIS extraction and MPEG
transport stream transmissions to backend
device.
STiD128 provides high-bit-rate data and live TV
video demodulation. With the capability to extract
and merge video over IP with live video, STiD128 is
the perfect solution to bridge conventional video
distribution to a full IP solution.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com