Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STID128 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STID128
Description  DOCSIS 3.0 and video front-end for gateway set-top box and cable modem
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STID128 Datasheet(HTML) 1 Page - STMicroelectronics

  STID128 Datasheet HTML 1Page - STMicroelectronics STID128 Datasheet HTML 2Page - STMicroelectronics STID128 Datasheet HTML 3Page - STMicroelectronics STID128 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
December 2012
Doc ID 023589 Rev 3
1/4
4
STiD128
DOCSIS 3.0 and video front-end for gateway
set-top box and cable modem
Data brief
Features
■ Dual CPU architecture - one for DOCSIS® and
one for host including eRouting and VoIP
management
■ ARM Cortex-A9 770 MHz, dual-core CPU with
NEON™ SIMD co-processor
■ DOCSIS 3.0 data cable modem:
– Up to 16 downstream channels (up to
800 Mbit/s)
– Up to 4 upstream channels
■ Up to 8 video QAM demodulation channels
■ Video QAM operations independent from
DOCSIS
■ Digital direct interface to full band tuners
■ VoIP through ARM Cortex-A9 CPU:
– Up to 2 lines VoIP with PacketCable™ 1.5
or 2.0 reference software
■ USB 2.0 host interface
■ 2 x PCIe interfaces for WiFi connectivity
■ DDR2/3, 8/16-bit LMI interface
■ Serial NOR, SPI interface
■ 3 x Gbit Ethernet ports
■ Flexible channel allocation for active standby
power consumption reduction
Description
STiD128 is STMicroelectronics’ next generation
front-end device for interactive cable gateway and
set-top box applications. STiD128 can also be
used standalone for cable modem application.
STiD128 provides a solution for operators to
specify a range of very high-performance
DOCSIS 3.0 STB, multimedia gateway or cable
modem platforms.
A total of 16 demodulation channels can be used
for DOCSIS out of which 8 channels can be used
as video channels. Allocation of the channels is
flexible.
A powerful dual core CPU allows telephony and
data distribution including routing/switching and
firewalling.
Audio DSP
H.264
Encoder
DOCSIS 3.0
DDR3 DRAM
Host processing
Network
processor
Dual core MP
ARM Cortex-A9
Peripherals
UART, I2C,
L2 Cache
512 KB
8/16-bit
interface
Connectivity
Ethernet GMAC
X
3
USB 2.0 x 1
PCIe x 2
QAM x 16
Interfaces
1 GHz cable FE
interface
Telephony
interface
SPI serial NOR
DOCSIS
MAC PHY
DOCSIS
Processor
ST40-300
Video transport
www.st.com


Similar Part No. - STID128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIDP880 STMICROELECTRONICS-STIDP880 Datasheet
99Kb / 6P
iDP to LVDS converter
10-Dec-2009
More results

Similar Description - STID128

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9873 AD-AD9873 Datasheet
935Kb / 39P
Analog Front End Converter for Set-Top Box, Cable Modem
14-Jul-2000
AD9877 AD-AD9877 Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
5/05-Rev. A to Rev. B
AD9879 AD-AD9879 Datasheet
364Kb / 24P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV.0
logo
List of Unclassifed Man...
MT2050 ETC1-MT2050 Datasheet
288Kb / 2P
CABLE MODEM TUNER AND DIGITAL SET-TOP BOX APPLICATIONS
logo
Analog Devices
AD9879 AD-AD9879_05 Datasheet
780Kb / 32P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
logo
TOKO, Inc
R975ACITN-1140 TOKO-R975ACITN-1140 Datasheet
216Kb / 2P
Diplexers for Digital CATV Set Top Box and Cable Modem
logo
Analog Devices
AD9873 AD-AD9873_15 Datasheet
932Kb / 39P
Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9877 AD-AD9877_15 Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9879 AD-AD9879_15 Datasheet
779Kb / 32P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9877 AD-AD9877_17 Datasheet
491Kb / 37P
Set-Top Box, Cable Modem
23-Feb-2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com