Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H753VI Datasheet (PDF) - STMicroelectronics

STM32H753VI Datasheet PDF - STMicroelectronics
Part # STM32H753VI
Download  STM32H753VI Download
File Size   7328.54 Kbytes
Page   361 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto

STM32H753VI Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32H753VI Datasheet PDF - STMicroelectronics

Part # STM32H753VI
Download  STM32H753VI Click to download

File Size   7328.54 Kbytes
Page   361 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto

STM32H753VI Datasheet (HTML) - STMicroelectronics


STM32H753VI Product details

Features
■ Includes ST state-of-the-art patented technology
■ Core
■ 32-bit Arm® Cortex®-M7 core with doubleprecision FPU and L1 cache: 16 Kbytes of data and 16 Kbytes of instruction cache; frequency up to 480 MHz, MPU, 1027 DMIPS/ 2.14 DMIPS/MHz (Dhrystone 2.1), and DSP instructions
■ Memories
■ 2 Mbytes of Flash memory with read-while-
■ write support
■ 1 Mbyte of RAM: 192 Kbytes of TCM RAM (inc. 64 Kbytes of ITCM RAM + 128 Kbytes of DTCM RAM for time critical routines), 864 Kbytes of user SRAM, and 4 Kbytes of
■ SRAM in Backup domain
■ Dual mode Quad-SPI memory interface
■ running up to 133 MHz
■ Flexible external memory controller with up to 32-bit data bus: SRAM, PSRAM, SDRAM/LPSDR SDRAM, NOR/NAND Flash memory clocked up to 100 MHz in
■ Synchronous mode
■ CRC calculation unit
■ Security
■ ROP, PC-ROP, active tamper, secure firmware upgrade support, Secure access mode
■ General-purpose input/outputs
■ Up to 168 I/O ports with interrupt capability
■ Reset and power management
■ 3 separate power domains which can be independently clock-gated or switched off:
■ D1: high-performance capabilities
■ D2: communication peripherals and timers
■ D3: reset/clock control/power management
■ 1.62 to 3.6 V application supply and I/Os
■ POR, PDR, PVD and BOR
■ Dedicated USB power embedding a 3.3 V internal regulator to supply the internal PHYs
■ Embedded regulator (LDO) with configurable scalable output to supply the digital circuitry
■ Voltage scaling in Run and Stop mode (6
■ configurable ranges)
■ Backup regulator (~0.9 V)
■ Voltage reference for analog peripheral/VREF+
■ Low-power modes: Sleep, Stop, Standby and VBAT supporting battery charging
■ Low-power consumption
■ VBAT battery operating mode with charging
■ capability
■ CPU and domain power state monitoring pins
■ 2.95 µA in Standby mode (Backup SRAM OFF, RTC/LSE ON)
■ Clock management
■ Internal oscillators: 64 MHz HSI, 48 MHz HSI48, 4 MHz CSI, 32 kHz LSI LQFP100 (14 x 14 mm) LQFP144 (20 x 20 mm) LQFP176 (24 x 24 mm) LQFP208 (28 x 28 mm) UFBGA169 (7 x 7 mm) UFBGA176+25 (10 x 10 mm) TFBGA100 (8 x 8 mm)(1) TFBGA240+25 (14 x 14 mm)




Similar Part No. - STM32H753VI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H753 STMICROELECTRONICS-STM32H753 Datasheet
1Mb / 6P
5.7??640×480 TFT color LCD with touchscreen
Rev 3 - June 2019
STM32H753I-EVAL STMICROELECTRONICS-STM32H753I-EVAL Datasheet
1Mb / 6P
5.7??640×480 TFT color LCD with touchscreen
Rev 3 - June 2019
STM32H753I-EVAL2 STMICROELECTRONICS-STM32H753I-EVAL2 Datasheet
1Mb / 6P
5.7??640×480 TFT color LCD with touchscreen
Rev 3 - June 2019
STM32H753XIH6U STMICROELECTRONICS-STM32H753XIH6U Datasheet
1Mb / 6P
5.7??640×480 TFT color LCD with touchscreen
Rev 3 - June 2019
More results


Similar Description - STM32H753VI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H742XI STMICROELECTRONICS-STM32H742XI Datasheet
4Mb / 357P
32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB Flash, up to 1MB RAM, 46 com. and analog interfaces
25-Apr-2019
STM32H755BI STMICROELECTRONICS-STM32H755BI Datasheet
3Mb / 252P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, crypto
May 2019 Rev 1
STM32H750VB STMICROELECTRONICS-STM32H750VB Datasheet
3Mb / 335P
32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
Rev 5
STM32H750VB STMICROELECTRONICS-STM32H750VB_V01 Datasheet
4Mb / 337P
32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
05-Feb-2021
STM32H745XI STMICROELECTRONICS-STM32H745XI Datasheet
3Mb / 252P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
16-May-2019
STM32H7A3XI STMICROELECTRONICS-STM32H7A3XI Datasheet
7Mb / 237P
32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
04-May-2021
STM32H757XI STMICROELECTRONICS-STM32H757XI Datasheet
2Mb / 251P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
16-May-2019
STM32H7B0XB STMICROELECTRONICS-STM32H7B0XB Datasheet
6Mb / 205P
32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
04-May-2021
STM32H7B3XI STMICROELECTRONICS-STM32H7B3XI Datasheet
7Mb / 238P
32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
04-May-2021
STM32H742XI STMICROELECTRONICS-STM32H742XI_V01 Datasheet
7Mb / 357P
32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
30-Mar-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com