Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H743VGH6QTR Datasheet (PDF) - STMicroelectronics

STM32H743VGH6QTR Datasheet PDF - STMicroelectronics
Part # STM32H743VGH6QTR
Download  STM32H743VGH6QTR Download
File Size   8105.11 Kbytes
Page   237 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS

STM32H743VGH6QTR Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32H743VGH6QTR Datasheet PDF - STMicroelectronics

Part # STM32H743VGH6QTR
Download  STM32H743VGH6QTR Click to download

File Size   8105.11 Kbytes
Page   237 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS

STM32H743VGH6QTR Datasheet (HTML) - STMicroelectronics


STM32H743VGH6QTR Product details

Features
Includes ST state-of-the-art patented technology
Core
• 32-bit Arm® Cortex®-M7 core with double-precision FPU and L1 cache:
16 Kbytes of data and 16 Kbytes of instruction cache allowing to fill one cache
line in a single access from the 128-bit embedded flash memory; frequency up
to 280 MHz, MPU, 599 DMIPS/ 2.14 DMIPS/MHz (Dhrystone 2.1), and DSP
instructions
Memories
• Up to 2 Mbytes of flash memory with read while write support, plus 1 Kbyte of
OTP memory
• ~1.4 Mbytes of RAM: 192 Kbytes of TCM RAM (inc. 64 Kbytes of ITCM RAM +
128 Kbytes of DTCM RAM for time critical routines), 1.18 Mbytes of user SRAM,
and 4 Kbytes of SRAM in Backup domain
• 2x Octo-SPI memory interfaces, I/O multiplexing and support for serial PSRAM/
NOR, Hyper RAM/flash frame formats, running up to 140 MHz in SRD mode and
up to 110 MHz in DTR mode
• Flexible external memory controller with up to 32-bit data bus:
– SRAM, PSRAM, NOR flash memory clocked up to 125 MHz in
Synchronous mode
– SDRAM/LPSDR SDRAM
– 8/16-bit NAND flash memories
• CRC calculation unit
Security
• ROP, PC-ROP, active tamper, secure firmware upgrade support
General-purpose input/outputs
• Up to 168 I/O ports with interrupt capability
– Fast I/Os capable of up to 133 MHz
– Up to 164 5-V-tolerant I/Os
Low-power consumption
• Stop: down to 32 μA with full RAM retention
• Standby: 2.8 μA (Backup SRAM OFF, RTC/LSE ON, PDR OFF)
• VBAT: 0.8 μA (RTC and LSE ON)
Clock management
• Internal oscillators: 64 MHz HSI, 48 MHz HSI48, 4 MHz CSI, 32 kHz LSI
• External oscillators: 4-50 MHz HSE, 32.768 kHz LSE
• 3× PLLs (1 for the system clock, 2 for kernel clocks) with fractional mode
Reset and power management
• 2 separate power domains, which can be independently clock gated to maximize power efficiency:
– CPU domain (CD) for Arm® Cortex® core and its peripherals, which can be independently switched in
Retention mode
– Smart run domain (SRD) for reset and clock control, power management and some peripherals
• 1.62 to 3.6 V application supply and I/Os
• POR, PDR, PVD and BOR
• Dedicated USB power embedding a 3.3 V internal regulator to supply the internal PHYs
• Dedicated SDMMC power supply
• High power efficiency SMPS step-down converter regulator to directly supply VCORE or an external circuitry
• Embedded regulator (LDO) with configurable scalable output to supply the digital circuitry
• Voltage scaling in Run and Stop mode
• Backup regulator (~0.9 V)
• Low-power modes: Sleep, Stop and Standby
• VBAT battery operating mode with charging capability
• CPU and domain power state monitoring pins
Interconnect matrix
• 3 bus matrices (1 AXI and 2 AHB)
• Bridges (5× AHB2APB, 3× AXI2AHB)
5 DMA controllers to unload the CPU
• 1× high-speed general-purpose master direct memory access controller (MDMA)
• 2× dual-port DMAs with FIFO and request router capabilities
• 1× basic DMA with request router capabilities
• 1x basic DMA dedicated to DFSDM
Up to 35 communication peripherals
• 4× I2C FM+ interfaces (SMBus/PMBus)
• 5× USART/5x UARTs (ISO7816 interface, LIN, IrDA, modem control) and 1x LPUART
• 6× SPIs, including 4 with muxed full-duplex I2S audio class accuracy via internal audio PLL or external clock
and 1 x SPI/I2S in LP domain (up to 125 MHz)
• 2x SAIs (serial audio interface)
• SPDIFRX interface
• SWPMI single-wire protocol master interface
• MDIO Slave interface
• 2× SD/SDIO/MMC interfaces (up to 133 MHz)
• 2× CAN controllers: 2 with CAN FD, 1 with time-triggered CAN (TT-CAN)
• 1× USB OTG interfaces (1HS/FS)
• HDMI-CEC
• 8- to 14-bit camera interface up to 80 MHz
• 8-/16-bit parallel synchronous data input/output slave interface (PSSI)
11 analog peripherals
• 2× ADCs with 16-bit max. resolution (up to 24 channels, up to 3.6 MSPS)
• 1× analog and 1x digital temperature sensors
• 1× 12-bit single-channel DAC (in SRD domain) + 1× 12-bit dual-channel DAC
• 2× ultra-low-power comparators
• 2× operational amplifiers (8 MHz bandwidth)
• 2× digital filters for sigma delta modulator (DFSDM), 1x with 8 channels/8 filters and 1x in SRD domain with 2
channels/1 filter
Graphics
• LCD-TFT controller up to XGA resolution
• Chrom-ART graphical hardware Accelerator (DMA2D) to reduce CPU load
• Hardware JPEG Codec
• Chrom-GRC™ (GFXMMU)
Up to 19 timers and 2 watchdogs
• 2× 32-bit timers with up to 4 IC/OC/PWM or pulse counter and quadrature (incremental) encoder input (up to
280 MHz)
• 2× 16-bit advanced motor control timers (up to 280 MHz)
• 10× 16-bit general-purpose timers (up to 280 MHz)
• 3× 16-bit low-power timers (up to 280 MHz)
• 2× watchdogs (independent and window)
• 1× SysTick timer
• RTC with sub-second accuracy and hardware calendar
Debug mode
• SWD and JTAG interfaces
• 4 KB Embedded Trace Buffer
1x 32-bit, NIST SP 800-90B compliant, true random generator
96-bit unique ID
All packages are ECOPACK2 compliant

Description
STM32H7A3xI/G devices are based on the high-performance Arm® Cortex®-M7 32-bit RISC core operating at
up to 280 MHz. The Cortex® -M7 core features a floating point unit (FPU) which supports Arm® double-precision
(IEEE 754 compliant) and single-precision data-processing instructions and data types. STM32H7A3xI/G devices
support a full set of DSP instructions and a memory protection unit (MPU) to enhance application security.
STM32H7A3xI/G devices incorporate high-speed embedded memories with a dual-bank flash memory of up
to 2 Mbytes, around 1.4 Mbyte of RAM (including 192 Kbytes of TCM RAM, 1.18 Mbytes of user SRAM and
4 Kbytes of backup SRAM), as well as an extensive range of enhanced I/Os and peripherals connected to four
APB buses, three AHB buses, a 32-bit multi-AHB bus matrix and a multi layer AXI interconnect supporting internal
and external memory access.
All the devices offer two ADCs, two DACs (one dual and one single DAC), two ultra-low power comparators, a
low-power RTC, 12 general-purpose 16-bit timers, two PWM timers for motor control, three low-power timers, a
true random number generator (RNG). The devices support nine digital filters for external sigma delta modulators
(DFSDM). They also feature standard and advanced communication interfaces.
• Standard peripherals
– Four I2Cs
– Five USARTs, five UARTs and one LPUART
– Six SPIs, four I2Ss in full-duplex mode. To achieve audio class accuracy, the I2S peripherals can be
clocked via a dedicated internal audio PLL or via an external clock to allow synchronization.
– Two SAI serial audio interfaces, out of which one with PDM
– One SPDIFRX interface
– One single wire protocol master interface (SWPMI)
– One 16-bit parallel synchronous slave interface (PSSI) sharing the same interface as the digital
camera)
– Management Data Input/Output (MDIO) slaves
– Two SDMMC interfaces (one can be supplied from a supply voltage separate from that of all other I/Os)
– A USB OTG high-speed with full-speed capability (with the ULPI)
– One FDCAN plus one TT-CAN interface
– Chrom-ART Accelerator
– HDMI-CEC
• Advanced peripherals including
– A flexible memory control (FMC) interface
– Two octo-SPI memory interface
– A digital camera interface for CMOS sensors (DCMI)
– A graphic memory management unit (GFXMMU)
– An LCD-TFT display controller (LTDC)
– A JPEG hardware compressor/decompressor
Refer to Table 1. STM32H7A3xI/G features and peripheral counts for the list of peripherals available on each part
number.
STM32H7A3xI/G devices operate in the –40 to +85 °C ambient temperature range from a 1.62 to 3.6 V
power supply. The supply voltage can drop down to 1.62 V by using an external power supervisor (see
Section 3.5.2 Power supply supervisor) and connecting the PDR_ON pin to VSS. Otherwise the supply voltage
must stay above 1.71 V with the embedded power voltage detector enabled.
The USB OTG_HS/FS interfaces can be supplied either by the integrated USB regulator or through a separate
supply input.
A dedicated supply input is available for one of the SDMMC interface for package with more than 100 pins. It
allows running from a different voltage level than all other I/Os.
A comprehensive set of power-saving mode allows the design of low-power applications.
The CPU and domain states can be directly monitored on some GPIOs configured as alternate functions.
STM32H7A3xI/G devices are offers in several packages ranging from 64 pins to 225 pins/balls. The set of
included peripherals changes with the device chosen.
These features make the STM32H7A3xI/G microcontrollers suitable for a wide range of applications:
• Motor drive and application control
• Medical equipment
• Industrial applications: PLC, inverters, circuit breakers
• Printers, and scanners
• Alarm systems, video intercom, and HVAC
• Home audio appliances
• Mobile applications, Internet of Things
• Wearable devices: smart watches.
Figure 1. STM32H7A3xI/G block diagram shows the general block diagram of the device family.




Similar Part No. - STM32H743VGH6QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H743VG STMICROELECTRONICS-STM32H743VG Datasheet
4Mb / 357P
32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB Flash, up to 1MB RAM, 46 com. and analog interfaces
25-Apr-2019
STM32H743VG STMICROELECTRONICS-STM32H743VG Datasheet
7Mb / 357P
32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
30-Mar-2023
More results


Similar Description - STM32H743VGH6QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H742XI STMICROELECTRONICS-STM32H742XI Datasheet
4Mb / 357P
32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB Flash, up to 1MB RAM, 46 com. and analog interfaces
25-Apr-2019
STM32H755BI STMICROELECTRONICS-STM32H755BI Datasheet
3Mb / 252P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, crypto
May 2019 Rev 1
STM32H750VB STMICROELECTRONICS-STM32H750VB Datasheet
3Mb / 335P
32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
Rev 5
STM32H750VB STMICROELECTRONICS-STM32H750VB_V01 Datasheet
4Mb / 337P
32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
05-Feb-2021
STM32H745XI STMICROELECTRONICS-STM32H745XI Datasheet
3Mb / 252P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
16-May-2019
STM32H753XI STMICROELECTRONICS-STM32H753XI Datasheet
7Mb / 361P
32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto
04-Mar-2022
STM32H757XI STMICROELECTRONICS-STM32H757XI Datasheet
2Mb / 251P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
16-May-2019
STM32H7B0XB STMICROELECTRONICS-STM32H7B0XB Datasheet
6Mb / 205P
32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
04-May-2021
STM32H7B3XI STMICROELECTRONICS-STM32H7B3XI Datasheet
7Mb / 238P
32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
04-May-2021
STM32H742XI STMICROELECTRONICS-STM32H742XI_V01 Datasheet
7Mb / 357P
32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
30-Mar-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com