Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRS1386 Datasheet (PDF) - Sharp Corporation

LRS1386 Datasheet PDF - Sharp Corporation
Part # LRS1386
Download  LRS1386 Download
File Size   3858.7 Kbytes
Page   114 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description STACKED CHIP 64M FLASH AND 8M SRAM

LRS1386 Datasheet (PDF)

Go To PDF Page Download Datasheet
LRS1386 Datasheet PDF - Sharp Corporation

Part # LRS1386
Download  LRS1386 Click to download

File Size   3858.7 Kbytes
Page   114 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description STACKED CHIP 64M FLASH AND 8M SRAM

LRS1386 Datasheet (HTML) - Sharp Corporation


LRS1386 Product details

Description

The LRS1386 is a combination memory organized as 4,194,304 x16 bit flash memory and 524,288 x16 bit static RAM in one package.



Features

- Power supply • • • • 2.7V to 3.3V

- Operating temperature • • • • -25°C to +85°C

- Not designed or rated as radiation hardened

- 72pin CSP (LCSP072-P-0811) plastic package

- Flash memory has P-type bulk silicon, and SRAM has P-type bulk silicon




Similar Part No. - LRS1386

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LRS1380 SANYO-LRS1380 Datasheet
3Mb / 54P
STACKED CHIP 32M (X 16) FLASH AND 4M (X 16) SRAM
logo
Sharp Corporation
LRS1380J SHARP-LRS1380J Datasheet
4Mb / 56P
STACKED CHIP 32M (X 16) BOOT BLOCK FLASH AND 4M (X 16) SRAM
LRS1381 SHARP-LRS1381 Datasheet
4Mb / 114P
STACKED CHIP 32M FLASH AND 4M SRAM
LRS1382 SHARP-LRS1382 Datasheet
3Mb / 114P
STACKED CHIP 32M FLASH AND 8M SRAM
LRS1383 SHARP-LRS1383 Datasheet
3Mb / 114P
STACKED CHIP 32M FLASH AND 8M SRAM
More results


Similar Description - LRS1386

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1302 SHARP-LRS1302 Datasheet
3Mb / 61P
Stacked Chip 8M Flash and 1M SRAM
LRS1329 SHARP-LRS1329 Datasheet
1Mb / 27P
Stacked Chip 16M Flash and 2M SRAM
LRS1331 SHARP-LRS1331 Datasheet
216Kb / 26P
Stacked Chip 16M Flash Memory and 4M SRAM
LRS1338A SHARP-LRS1338A Datasheet
218Kb / 36P
Stacked Chip 8M Flash Memory and 2M SRAM
logo
SPANSION
MB84SD23280FA SPANSION-MB84SD23280FA Datasheet
428Kb / 40P
64M (X16) FLASH MEMORY 8M (X16) SRAM
logo
Sharp Corporation
LRS1381 SHARP-LRS1381 Datasheet
4Mb / 114P
STACKED CHIP 32M FLASH AND 4M SRAM
LRS1382 SHARP-LRS1382 Datasheet
3Mb / 114P
STACKED CHIP 32M FLASH AND 8M SRAM
LRS1383 SHARP-LRS1383 Datasheet
3Mb / 114P
STACKED CHIP 32M FLASH AND 8M SRAM
LRS1383H SHARP-LRS1383H Datasheet
3Mb / 45P
STACKED CHIP 32M (X 16) BOOT BLOCK FLASH AND 8M (X 16) SRAM
LRS1387 SHARP-LRS1387 Datasheet
3Mb / 43P
64M (X16) FLASH 8M (X16) SRAM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com