Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR4DG28 Datasheet (PDF) - Toshiba Semiconductor

TCR4DG28 Datasheet PDF - Toshiba Semiconductor
Part # TCR4DG28
Download  TCR4DG28 Download
File Size   406.78 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit

TCR4DG28 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCR4DG28 Datasheet PDF - Toshiba Semiconductor

Part # TCR4DG28
Download  TCR4DG28 Click to download

File Size   406.78 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit

TCR4DG28 Datasheet (HTML) - Toshiba Semiconductor


TCR4DG28 Product details

The TCR4DG series are CMOS general-purpose single-output
voltage regulators with an on/off control input, featuring low dropout
voltage, low output noise voltage and low inrush current.
These voltage regulators are available in fixed output voltages
between 1.0 V and 4.5 V and capable of driving up to 420 mA.
They feature over-current protection, over-temperature protection,
Inrush current protection circuit and Auto-discharge function.
The TCR4DG series are offered in the ultra small plastic mold
package WCSP4E (0.645 mm x 0.645 mm; t 0.43 mm (max)). It has
a low dropout voltage of 193 mV (3.3 V output, IOUT = 420 mA) with
low output noise voltage of 38 μVrms (2.5 V output) and a load
transient response of only ⊿VOUT = ±115 mV ( IOUT = 1 mA ⇔ 420 mA, COUT =1.0 μF).
As small ceramic input and output capacitors can be used with the TCR4DG series, these devices are ideal for portable
applications that require high-density board assembly such as cellular phones.

Features
• Low Drop-Out voltage
VDO = 193 mV (typ.) at 3.3 V-output, IOUT = 420 mA
• Low output noise voltage
VNO = 38 μVrms (typ.) at 2.5 V-output, IOUT = 10 mA, 10 Hz ≤ f ≤ 100 kHz
• Fast load transient response (⊿VOUT = ±115 mV (typ.) at IOUT = 1 ⇔ 420 mA, COUT =1.0 μF )
• High ripple rejection ( R.R = 70 dB (typ.) at 2.5 V-output, IOUT = 10 mA, f = 1 kHz )
• Over-current protection
• Over-temperature protection
• Inrush current protection circuit
• Auto-discharge function
• Pull down connection between CONTROL and GND
• Ceramic capacitors can be used ( CIN = 1.0μF, COUT =1.0 μF )
• Ultra small package WCSP4E (0.645 mm x 0.645 mm ; t 0.43 mm (max))




Similar Part No. - TCR4DG28

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR4S12DWBG TOSHIBA-TCR4S12DWBG Datasheet
311Kb / 15P
200 mA CMOS Low-Dropout Regulator
TCR4S13DWBG TOSHIBA-TCR4S13DWBG Datasheet
311Kb / 15P
200 mA CMOS Low-Dropout Regulator
TCR4S14DWBG TOSHIBA-TCR4S14DWBG Datasheet
311Kb / 15P
200 mA CMOS Low-Dropout Regulator
TCR4S15DWBG TOSHIBA-TCR4S15DWBG Datasheet
311Kb / 15P
200 mA CMOS Low-Dropout Regulator
TCR4S16DWBG TOSHIBA-TCR4S16DWBG Datasheet
311Kb / 15P
200 mA CMOS Low-Dropout Regulator
More results


Similar Description - TCR4DG28

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
204Kb / 7P
250 mA Low Drop Out Voltage Regulator
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
300mA CMOS Low Drop Out Linear Regulator
logo
Toshiba Semiconductor
TCR2EN10 TOSHIBA-TCR2EN10 Datasheet
1Mb / 15P
200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
11-Dec-2012
TCR2BE10 TOSHIBA-TCR2BE10 Datasheet
282Kb / 18P
200 mA CMOS Low Drop-Out Regulator with Auto-discharge
06-Jun-2011
TCR2DG TOSHIBA-TCR2DG Datasheet
362Kb / 15P
Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
01-Mar-2014
logo
Texas Instruments
TPS799L54 TI1-TPS799L54 Datasheet
899Kb / 22P
200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
logo
Toshiba Semiconductor
TCR3DF TOSHIBA-TCR3DF Datasheet
839Kb / 14P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2013-11-15
TCR3DG TOSHIBA-TCR3DG Datasheet
666Kb / 15P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2016-03-14
TCR3DM TOSHIBA-TCR3DM Datasheet
460Kb / 14P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-06-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com