Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8135 Datasheet (PDF) - STMicroelectronics

TDA8135 Datasheet PDF - STMicroelectronics
Part # TDA8135
Download  TDA8135 Download
File Size   89.42 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE

TDA8135 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA8135 Datasheet PDF - STMicroelectronics

Part # TDA8135
Download  TDA8135 Click to download

File Size   89.42 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE

TDA8135 Datasheet (HTML) - STMicroelectronics


TDA8135 Product details

■ OUTPUT CURRENTS UP TO 600mA
■ FIXED PRECISION OUTPUT 1 VOLTAGE 5V
±2%
■ OUTPUT 2 - VOLTAGE PROGRAMMABLE
FROM 5V TO 14V
■ OUTPUT 2 VOLTAGE DISABLED BY A TTL
INPUT
■ SHORT CIRCUIT PROTECTION AT BOTH
OUTPUTS
■ THERMAL PROTECTION
■ LOW DROP OUT 1.5V AT 400mA
■ HIGH SUPPLY VOLTAGE REJECTION

DESCRIPTION
The TDA8135 is a monolithic dual positive voltage
regulator designed to provide fixed precision output
voltages, 5V + adjustable outputs at currents up to
600mA.
Output 2 can be disabled by a TTL input. Both
output currents are limited by an internal short
circuit protection.




Similar Part No. - TDA8135

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8132 STMICROELECTRONICS-TDA8132 Datasheet
43Kb / 4P
5.1V 12V DISABLE VOLTAGE REGULATOR
Jan-1996
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
82Kb / 5P
5.1V 8V REGULATOR WITH DISABLE AND RESET
Mar-1994
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
133Kb / 13P
5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
185Kb / 14P
5.1 V and 8 V dual voltage regulator with disable and reset functions
05-Mar-2009
TDA8133D STMICROELECTRONICS-TDA8133D Datasheet
133Kb / 13P
5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
More results


Similar Description - TDA8135

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4902A STMICROELECTRONICS-L4902A Datasheet
113Kb / 9P
DUAL 5V REGULATOR WITH RESET AND DISABLE
Jun-2000
L4903 STMICROELECTRONICS-L4903 Datasheet
140Kb / 8P
DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
Jul-1993
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
84Kb / 5P
5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
Sep-1993
logo
Global Mixed-mode Techn...
G9205 GMT-G9205 Datasheet
257Kb / 8P
5V 2A Low Dropout Regulator with Disable
logo
STMicroelectronics
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
logo
Exar Corporation
XRP6272ITC5TR-F EXAR-XRP6272ITC5TR-F Datasheet
929Kb / 13P
2A 5V-Adjustable Low Dropout Voltage Regulator
XRP6272 EXAR-XRP6272 Datasheet
929Kb / 13P
2A 5V-Adjustable Low Dropout Voltage Regulator
logo
STMicroelectronics
STV8130A STMICROELECTRONICS-STV8130A Datasheet
159Kb / 9P
3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET
Rev. 1.7
TDA8134 STMICROELECTRONICS-TDA8134 Datasheet
335Kb / 4P
5V 12V REGULATOR WITH DISABLE
Sep-1993
TDA8139 STMICROELECTRONICS-TDA8139_V01 Datasheet
188Kb / 14P
Double (5.1 V and adjustable) voltage regulator with reset and disable functions
25-Feb-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com