Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM062CV Datasheet (PDF) - New Japan Radio

NJM062CV Datasheet PDF - New Japan Radio
Part # NJM062CV
Download  NJM062CV Download
File Size   5098.92 Kbytes
Page   21 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS

NJM062CV Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM062CV Datasheet PDF - New Japan Radio

Part # NJM062CV
Download  NJM062CV Click to download

File Size   5098.92 Kbytes
Page   21 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS

NJM062CV Datasheet (HTML) - New Japan Radio


NJM062CV Product details

FEATURES
●Wide Power Supply Range ±2 to ±18V
●High Input Resistance 1012Ω typ.
●Wide Temperature Range -40°C to 125°C
●Bipolar Technology
●Low Operating Current 200μA/amp typ.
●Slew Rate 3.5V/μs typ.
●Internal ESD Protection
Human Body Model (HBM) ±2000V typ.
●Package
NJM062C/062CA SOP8
SSOP8
NJM064C/064CA SOP14
SSOP14

DESCRIPTION
The NJM062C/064C are J-FET input operational amplifiers
designed as low-power versions of the NJM072C/074C. It
features high input impedance, high slew rate and low input
offset and bias current.
The NJM062C/064C are suitable for audio amplifier
applications and measurement applications. In addition, the
realization of a wide operating temperature reaches by a
new design.




Similar Part No. - NJM062CV

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM062CV NISSHINBO-NJM062CV Datasheet
4Mb / 21P
LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results


Similar Description - NJM062CV

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5238AL MITSUBISHI-M5238AL Datasheet
144Kb / 4P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL062 STMICROELECTRONICS-TL062 Datasheet
111Kb / 10P
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
Oct-1997
logo
Sanyo Semicon Device
LA6082D SANYO-LA6082D Datasheet
108Kb / 5P
J-FET Input Dual Operational Amplifiers
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
J-FET Input Operational Amplifiers
logo
Integral Corp.
IL072 INTEGRAL-IL072 Datasheet
578Kb / 7P
Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
logo
Mitsubishi Electric Sem...
M5240P MITSUBISHI-M5240P Datasheet
347Kb / 6P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064_01 Datasheet
237Kb / 10P
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
Nov-2001
TL062 STMICROELECTRONICS-TL062_07 Datasheet
259Kb / 14P
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
27-Jul-2007
logo
ARTSCHIP ELECTRONICS CO...
TL062 ARTSCHIP-TL062 Datasheet
337Kb / 10P
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com