Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM321A Datasheet (PDF) - New Japan Radio

NJM321A Datasheet PDF - New Japan Radio
Part # NJM321A
Download  NJM321A Download
File Size   751.32 Kbytes
Page   11 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low power single channel OP-Amp

NJM321A Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM321A Datasheet PDF - New Japan Radio

Part # NJM321A
Download  NJM321A Click to download

File Size   751.32 Kbytes
Page   11 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low power single channel OP-Amp

NJM321A Datasheet (HTML) - New Japan Radio


NJM321A Product details

Features
• Input offset voltage : 2.5mV max.
• Input offset voltage drift : 5μV/℃ typ.
• Supply current : 0.45mA typ. at Vcc+=5V
• Input bias current : 20nA typ.
• Input common-mode voltage range includes ground
• Internal ESD protection :
Human body model (HBM)±2000V typ.
• Integrated EMI filter : EMIRR=84dB typ. @ f=1.8GHz
• Wide single supply voltage range or dual supplies
+3V to +32V or ±1.5V to ±16V

Description
The NJM320A / NJM321A consist of two independent, high gain, internally
frequency compensated operation amplifiers, which were designed specifically
to operate from a single power supply over a wide range of voltages. Operation
from split power supplies is also possible and the low power supply current
drain is independent of the magnitude of the power supply voltage.
Application areas include transducer amplifiers, DC gain blocks, and all the
conventional OP-Amp circuits, which now can be more easily implemented in
single power supply systems. For example, the NJM320A / NJM321A can be
directly operated off of the standard +5V power supply voltage, which is used in
digital systems and will easily provide the required interface electronics without
requiring the additional ±15V power supplies.




Similar Part No. - NJM321A

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM321A NISSHINBO-NJM321A Datasheet
751Kb / 11P
Low power single channel OP-Amp
Ver.01
More results


Similar Description - NJM321A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321 NSC-LM321 Datasheet
237Kb / 9P
Low Power Single Op Amp
logo
AUK corp
S45S58 AUK-S45S58 Datasheet
53Kb / 3P
Low Noise Single OP AMP
logo
KODENSHI_AUK CORP.
SN321 KODENSHI-SN321 Datasheet
319Kb / 7P
Low Power Single OP-AMP
logo
Tiger Electronic Co.,Lt...
LM321MF TGS-LM321MF Datasheet
1Mb / 9P
Low Power Single Op Amp
logo
Texas Instruments
LM321 TI1-LM321 Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
logo
Unisonic Technologies
LM321 UTC-LM321 Datasheet
225Kb / 7P
LOW POWER SINGLE OP AMP
LM321 UTC-LM321_17 Datasheet
227Kb / 7P
LOW POWER SINGLE OP AMP
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
Low-Power, Single-Supply Op Amp Reference
logo
SHOUDING Shouding Semic...
SD321 SHOUDING-SD321 Datasheet
1Mb / 9P
Low Power Single Op Amp
logo
AiT Semiconductor Inc.
AO321B AITSEMI-AO321B Datasheet
968Kb / 11P
LOW POWER SINGLE OP AMP
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com