Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM321A Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM321A Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM321A
Download  NJM321A Download
File Size   751.7 Kbytes
Page   11 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low power single channel OP-Amp

NJM321A Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM321A Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM321A
Download  NJM321A Click to download

File Size   751.7 Kbytes
Page   11 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low power single channel OP-Amp

NJM321A Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM321A Product details

Features
• Input offset voltage : 2.5mV max.
• Input offset voltage drift : 5μV/℃ typ.
• Supply current : 0.45mA typ. at Vcc+=5V
• Input bias current : 20nA typ.
• Input common-mode voltage range includes ground
• Internal ESD protection :
Human body model (HBM)±2000V typ.
• Integrated EMI filter : EMIRR=84dB typ. @ f=1.8GHz
• Wide single supply voltage range or dual supplies
+3V to +32V or ±1.5V to ±16V




Similar Part No. - NJM321A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM321A NJRC-NJM321A Datasheet
751Kb / 11P
Low power single channel OP-Amp
Ver.01
More results


Similar Description - NJM321A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321 NSC-LM321 Datasheet
237Kb / 9P
Low Power Single Op Amp
logo
KODENSHI_AUK CORP.
SN321 KODENSHI-SN321 Datasheet
319Kb / 7P
Low Power Single OP-AMP
logo
Tiger Electronic Co.,Lt...
LM321MF TGS-LM321MF Datasheet
1Mb / 9P
Low Power Single Op Amp
logo
Texas Instruments
LM321 TI1-LM321 Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
logo
Unisonic Technologies
LM321 UTC-LM321 Datasheet
225Kb / 7P
LOW POWER SINGLE OP AMP
LM321 UTC-LM321_17 Datasheet
227Kb / 7P
LOW POWER SINGLE OP AMP
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
Low-Power, Single-Supply Op Amp Reference
logo
SHOUDING Shouding Semic...
SD321 SHOUDING-SD321 Datasheet
1Mb / 9P
Low Power Single Op Amp
logo
AiT Semiconductor Inc.
AO321B AITSEMI-AO321B Datasheet
968Kb / 11P
LOW POWER SINGLE OP AMP
REV1.0
logo
New Japan Radio
NJM320A NJRC-NJM320A Datasheet
751Kb / 11P
Low power single channel OP-Amp
Ver.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com