Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP5 Datasheet (PDF) - Littelfuse

CP5 Datasheet PDF - Littelfuse
Part # CP5
Download  CP5 Download
File Size   177.85 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Current Monitoring Relays and Transducers

CP5 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP5 Datasheet PDF - Littelfuse

Part # CP5
Download  CP5 Click to download

File Size   177.85 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Current Monitoring Relays and Transducers

CP5 Datasheet (HTML) - Littelfuse


CP5 Product details

Description
The CP5 Series are undercurrent monitors designed to monitor
one leg of a 3-phase system. It is commonly used as a tower
monitor on center pivot irrigation systems to detect stalled or
jammed towers to prevent over watering.
The CP5 Series has both an adjustable trip level and an
adjustable trip delay timer. When the current is sensed, the CP5
Series activates its output relay, thus starting the motor/pump.
When the current in the monitored power line falls below the
user-selectable trip point, the unit goes through a trip delay timer
and then deactivates the output relay if the monitored current
does not recover first.

FEATURES BENEFITS
Adjustable trip
level (0-5A)
Provides ability to precisely set the current trip point
for any application
Adjustable trip
delay (0-10m)
Prevents nuisance tripping due to power
line fluctuations
600V rated relay
contacts available
on CP-5-460 model
Eliminates the need for a control transformer to step
voltage down to 120 - 240V for a control circuit




Similar Part No. - CP5

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP5.241 PULS-CP5.241 Datasheet
881Kb / 26P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241 PULS-CP5.241 Datasheet
905Kb / 28P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241-C1 PULS-CP5.241-C1 Datasheet
881Kb / 26P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241-C1 PULS-CP5.241-C1 Datasheet
905Kb / 28P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241-S1 PULS-CP5.241-S1 Datasheet
881Kb / 26P
24V, 5A, 120W, SINGLE PHASE INPUT
More results


Similar Description - CP5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A82-10 ETC2-A82-10 Datasheet
61Kb / 3P
Monitoring Relays AC Current Transformer
E82-2050 ETC2-E82-2050 Datasheet
55Kb / 2P
Monitoring Relays AC Current Transformer
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
ECS LITTELFUSE-ECS Datasheet
387Kb / 3P
Current Monitoring Relays and Transducers
2018 Rev: 1-A-062716
ECSW LITTELFUSE-ECSW Datasheet
301Kb / 3P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LCS10T12 LITTELFUSE-LCS10T12 Datasheet
189Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-0 LITTELFUSE-LSR-0 Datasheet
453Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-XXX LITTELFUSE-LSR-XXX Datasheet
210Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
TCS LITTELFUSE-TCS Datasheet
415Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062116
TCSA LITTELFUSE-TCSA Datasheet
409Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com