Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS Datasheet (PDF) - Littelfuse

TCS Datasheet PDF - Littelfuse
Part # TCS
Download  TCS Download
File Size   415.6 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Current Monitoring Relays and Transducers

TCS Datasheet (PDF)

Go To PDF Page Download Datasheet
TCS Datasheet PDF - Littelfuse

Part # TCS
Download  TCS Click to download

File Size   415.6 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Current Monitoring Relays and Transducers

TCS Datasheet (HTML) - Littelfuse


TCS Product details

Description
The TCS Series is a low cost method of go/no go current
detection. It includes a solid-state output to sink or source
current when connected directly to a standard PLC digital input
module. Its normally open or normally closed output can also be
used to control relays, lamps, valves, and small heaters rated up
to 1A steady, 10A inrush. The TCS is self-powered (no external
power required to operate the unit) and available with an
adjustable actuation range of 2 - 20A or factory fixed actuation
points from 2 - 45A.
Operation
Normally Open: When a current equal to or greater than the
actuate current is passed through the toroidal sensor, the output
closes. When the current is reduced to 95% of the actuate
current or less, the output opens.
Normally Closed: When the current through the toroid is equal
to or greater than the actuate current, the output opens. When
the current is reduced below 95% of the actuate current, the
output closes. To increase sensitivity, multiple turns may be
made through the TCS’s toroidal sensor. The trip point range is
divided by the number of turns through the toroidal sensor to
create a new range. When using an external CT, select a 2VA,
0-20A output CT rated for the current to be monitored. Select
TCS adjustment range 0. Pass one secondary wire lead through
the TCS’ toroid and connect the secondary leads together.

FEATURES BENEFITS
Self powered No control voltage is required to operate the unit
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Can connect directly
to PLC
Solid state output to sink or source current can
be connected directly to a standard PLC digital
input module
1A steady, 10A inrush
solid-state output Provides 100 million operations in typical conditions
Complete isolation
between sensed current
and control circuit
Allows you to monitor a load in a separate
lectrical system




Similar Part No. - TCS

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
TCS HAMMOND-TCS Datasheet
74Kb / 2P
Systeme disolement thermique
logo
Token Electronics Indus...
TCS TOKEN-TCS Datasheet
856Kb / 10P
Chip Current Sensing Precision Resistor
logo
M-System Co.,Ltd.
TCS MSYSTEM-TCS Datasheet
124Kb / 4P
Plug-in Signal Conditioners M-UNIT
logo
List of Unclassifed Man...
TCS ETC-TCS Datasheet
598Kb / 8P
CE conformity
logo
M-System Co.,Ltd.
TCS-00-B MSYSTEM-TCS-00-B Datasheet
124Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Similar Description - TCS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A82-10 ETC2-A82-10 Datasheet
61Kb / 3P
Monitoring Relays AC Current Transformer
E82-2050 ETC2-E82-2050 Datasheet
55Kb / 2P
Monitoring Relays AC Current Transformer
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
CP5 LITTELFUSE-CP5 Datasheet
177Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
ECS LITTELFUSE-ECS Datasheet
387Kb / 3P
Current Monitoring Relays and Transducers
2018 Rev: 1-A-062716
ECSW LITTELFUSE-ECSW Datasheet
301Kb / 3P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LCS10T12 LITTELFUSE-LCS10T12 Datasheet
189Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-0 LITTELFUSE-LSR-0 Datasheet
453Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-XXX LITTELFUSE-LSR-XXX Datasheet
210Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
TCSA LITTELFUSE-TCSA Datasheet
409Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com