Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCSA Datasheet (PDF) - Littelfuse

TCSA Datasheet PDF - Littelfuse
Part # TCSA
Download  TCSA Download
File Size   409.15 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Current Monitoring Relays and Transducers

TCSA Datasheet (PDF)

Go To PDF Page Download Datasheet
TCSA Datasheet PDF - Littelfuse

Part # TCSA
Download  TCSA Click to download

File Size   409.15 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Current Monitoring Relays and Transducers

TCSA Datasheet (HTML) - Littelfuse


TCSA Product details

Description
The TCSA Series is a loop-powered, linear output current
transducer that provides an output that is directly proportional
to the RMS AC current passing through the onboard toroid. The
TCSA provides a 4 - 20mA output over a power supply range of
10 - 30VDC. Each unit is factory calibrated for monitoring in one
of four ranges; 0-5, 0-10, 0-20, or 0-50A. The 0 - 5A range allows
the use of external current transformers so loads up to 1200AC
amps can be monitored.
Operation
The TCSA varies the effective resistance of its output in direct
proportion to the current flowing in the monitored conductor.
The unit is factory calibrated so that 0 amps provides a 4mA
output and full span provides a 20mA output. Zero and span
adjustments are provided for minor calibration adjustments in
the field (if required).
Using an External Current Transformer (CT)
Select a 2VA, 0 to 5A output CT, rated for the current to be
monitored. Select TCSA5. Pass one of the CT’s secondary wire
leads through the TCSA’s toroid. Connect the CT’s secondary
leads together.

Features
JJ Monitors 0 - 50A in 4 ranges
JJ Loop powered from 10 to 30VDC
JJ Linear output from 4 - 20mA
JJ Zero & span adjustments
JJ Complete isolation between sensed current & control circuit




Similar Part No. - TCSA

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
TCSA104K035 HOTTECH-TCSA104K035 Datasheet
379Kb / 4P
CHIP TANTALUM CAPACITORS
TCSA104K050 HOTTECH-TCSA104K050 Datasheet
379Kb / 4P
CHIP TANTALUM CAPACITORS
TCSA104M035 HOTTECH-TCSA104M035 Datasheet
379Kb / 4P
CHIP TANTALUM CAPACITORS
TCSA104M050 HOTTECH-TCSA104M050 Datasheet
379Kb / 4P
CHIP TANTALUM CAPACITORS
TCSA105K020 HOTTECH-TCSA105K020 Datasheet
379Kb / 4P
CHIP TANTALUM CAPACITORS
More results


Similar Description - TCSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A82-10 ETC2-A82-10 Datasheet
61Kb / 3P
Monitoring Relays AC Current Transformer
E82-2050 ETC2-E82-2050 Datasheet
55Kb / 2P
Monitoring Relays AC Current Transformer
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
CP5 LITTELFUSE-CP5 Datasheet
177Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
ECS LITTELFUSE-ECS Datasheet
387Kb / 3P
Current Monitoring Relays and Transducers
2018 Rev: 1-A-062716
ECSW LITTELFUSE-ECSW Datasheet
301Kb / 3P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LCS10T12 LITTELFUSE-LCS10T12 Datasheet
189Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-0 LITTELFUSE-LSR-0 Datasheet
453Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-XXX LITTELFUSE-LSR-XXX Datasheet
210Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
TCS LITTELFUSE-TCS Datasheet
415Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062116
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com