Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IEA005 Datasheet (PDF) - Belden Inc.

IEA005 Datasheet PDF - Belden Inc.
Part # IEA005
Download  IEA005 Download
File Size   179.96 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DataTuff® 6A, High Flex, 4 Pr #26 Str TC, PO Ins, OS, TPE Jkt, CMR, CMX

IEA005 Datasheet (PDF)

Go To PDF Page Download Datasheet
IEA005 Datasheet PDF - Belden Inc.

Part # IEA005
Download  IEA005 Click to download

File Size   179.96 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DataTuff® 6A, High Flex, 4 Pr #26 Str TC, PO Ins, OS, TPE Jkt, CMR, CMX

IEA005 Datasheet (HTML) - Belden Inc.


IEA005 Product details

Product Description
DataTuff® Industrial Ethernet Cat 6A, 4 Pair 26AWG (Stranded 7X34) Tinned Copper, PO Insulation, X-Spline, Beldfoil Shield, TPE Outer Jacket, UL CMR,
CMX Outdoor, OIL RES II, SUN RES, AWM 600V




Similar Part No. - IEA005

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
IEA001 BELDEN-IEA001 Datasheet
174Kb / 3P
DataTuff® 6A, 4 Bonded-Pr #23 Sol BC, PO Ins, PVC Jkt, CMR
2022 Belden, Inc
IEA002 BELDEN-IEA002 Datasheet
178Kb / 3P
DataTuff® 6A, 4 Bonded-Pr #23 Sol BC, PO Ins, OS, PVC Jkt, CMR
2022 Belden, Inc
IEA003 BELDEN-IEA003 Datasheet
177Kb / 3P
DataTuff® 6A, 4 Bonded-Pr #23 Sol BC, FEP Ins, FEP Jkt, CMP, Extreme Temp
2022 Belden, Inc
IEA004 BELDEN-IEA004 Datasheet
185Kb / 3P
DataTuff® 6A, High Flex, 4 Pr #24 Str TC, PO Ins, OS, TPE Jkt, CMR, CMX
2022 Belden, Inc
More results


Similar Description - IEA005

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3109A BELDEN-3109A Datasheet
251Kb / 3P
RS485, 4 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
7905A BELDEN-7905A Datasheet
285Kb / 3P
DataTuff짰 5e, 4 Pr #24 Str TC, PO Ins, TPE Jkt, Flexible CMR
7924A BELDEN-7924A Datasheet
273Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Str TC, PO Ins, PVC Jkt, CMX-Outdoor CMR
7930A BELDEN-7930A Datasheet
281Kb / 3P
DataTuff짰 5e, 4 Pr #24 Str BC, PO Ins, PVC Jkt, CMX-Outdoor CMR
7938A BELDEN-7938A Datasheet
274Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Str Alloy, PO Ins, OSTC Brd, TPE Jkt, TPE Jkt, High Flex AWM 20606
7939A BELDEN-7939A Datasheet
277Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Str BC, PO Ins, OS, PVC Jkt, CMX-Outdoor CMR
7962A BELDEN-7962A Datasheet
253Kb / 3P
DataTuff짰 5e, Quad (2 Pr) #22 Str TC, PO Ins, OSTC Brd, TPE Jkt, CM CMX-Outdoor
IEA001 BELDEN-IEA001 Datasheet
174Kb / 3P
DataTuff® 6A, 4 Bonded-Pr #23 Sol BC, PO Ins, PVC Jkt, CMR
2022 Belden, Inc
IEA002 BELDEN-IEA002 Datasheet
178Kb / 3P
DataTuff® 6A, 4 Bonded-Pr #23 Sol BC, PO Ins, OS, PVC Jkt, CMR
2022 Belden, Inc
IEA004 BELDEN-IEA004 Datasheet
185Kb / 3P
DataTuff® 6A, High Flex, 4 Pr #24 Str TC, PO Ins, OS, TPE Jkt, CMR, CMX
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com