Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1409 Datasheet (PDF) - Advanced Power Technology

MS1409 Datasheet PDF - Advanced Power Technology
Part # MS1409
Download  MS1409 Download
File Size   237.18 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF & MICROWAVE TRANSISTOR VHF COMMUNICATIONS

MS1409 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS1409 Datasheet PDF - Advanced Power Technology

Part # MS1409
Download  MS1409 Click to download

File Size   237.18 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF & MICROWAVE TRANSISTOR VHF COMMUNICATIONS

MS1409 Datasheet (HTML) - Advanced Power Technology


MS1409 Product details

DESCRIPTION:

The MS1409 is a NPN silicon transistor designed for high power gain VHF and UHF communication applications.

Gold metalization and diffused emitter ballast resistors provide superior long term reliability.



Features

• 175 MHz

• 28 VOLTS

• POUT = 2.5 W

• GP = 10 dB MINIMUM

• COMMON EMITTER CONFIGURATION



 




Similar Part No. - MS1409

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MS14004-1 ITT-MS14004-1 Datasheet
517Kb / 41P
CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL, MINIATURE, POLARIZED SHELL, RACK AND PANEL, GENERAL SPECIFCATION FOR
logo
Microsemi Corporation
MS1401 MICROSEMI-MS1401 Datasheet
51Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Advanced Power Technolo...
MS1401 ADPOW-MS1401 Datasheet
91Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF PORTABLE/MOBILE APPLICATIONS
logo
Microsemi Corporation
MS1402 MICROSEMI-MS1402 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Advanced Power Technolo...
MS1402 ADPOW-MS1402 Datasheet
90Kb / 3P
RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
More results


Similar Description - MS1409

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM1517-012 STMICROELECTRONICS-AM1517-012 Datasheet
87Kb / 6P
SATELLITE COMMUNICATIONS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM80610-030 STMICROELECTRONICS-AM80610-030 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
rev. A
AM81720-012 STMICROELECTRONICS-AM81720-012 Datasheet
85Kb / 4P
COMMUNICATIONS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
SD1480 STMICROELECTRONICS-SD1480 Datasheet
78Kb / 6P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
20-Jun-1994
SD1894 STMICROELECTRONICS-SD1894 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
04-Feb-1997
SD1899 STMICROELECTRONICS-SD1899 Datasheet
59Kb / 5P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
06-Jan-1997
SD4013 STMICROELECTRONICS-SD4013 Datasheet
50Kb / 5P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
Nov-1992
logo
Microsemi Corporation
SD1127 MICROSEMI-SD1127 Datasheet
105Kb / 3P
RF & MICROWAVE TRANSISTORS VHF COMMUNICATIONS
logo
Advanced Power Technolo...
SD4012 ADPOW-SD4012 Datasheet
106Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
SD1013-03 ADPOW-SD1013-03 Datasheet
113Kb / 3P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com