Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet (PDF) - Advantech Co., Ltd.

EPC-R3220 Datasheet PDF - Advantech Co., Ltd.
Part # EPC-R3220
Download  EPC-R3220 Download
File Size   5475.92 Kbytes
Page   6 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 11th Gen. Intel® Core™ i7/i5/i3/Celeron U-series Pico-ITX SBC

EPC-R3220 Datasheet (PDF)

Go To PDF Page Download Datasheet
EPC-R3220 Datasheet PDF - Advantech Co., Ltd.

Part # EPC-R3220
Download  EPC-R3220 Click to download

File Size   5475.92 Kbytes
Page   6 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 11th Gen. Intel® Core™ i7/i5/i3/Celeron U-series Pico-ITX SBC

EPC-R3220 Datasheet (HTML) - Advantech Co., Ltd.


EPC-R3220 Product details

Features
ƒ 11th Gen. Intel® Core™ Processor with Quad/Dual Cores, TDP 15W
ƒ On-board LPDDR4x-4267 up to 32G with IBECC for Industrial Sku
ƒ Dual independent display: eDP/MIPI-DSI, DP up to 8K
ƒ 2 GbE, 2 USB 3.2, COM Port, SMBus/I2C
ƒ Expansion: M.2 E-Key, M.2 B-Key/M-Key NVMe x2
ƒ Supports iManager & Software APIs, WISE-DeviceOn, and Edge AI Suite




Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results


Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO500 AXIOMTEK-PICO500_17 Datasheet
330Kb / 1P
Pico-ITX SBC with 6th Gen Intel Core i7/i5/i3 & Celeron Processors
PICO512 AXIOMTEK-PICO512 Datasheet
376Kb / 1P
Pico-ITX SBC with 7th Gen Intel Core i7/i5/i3 & Celeron Processor
PICO880 AXIOMTEK-PICO880_17 Datasheet
232Kb / 1P
Pico-ITX SBC with 4th/5th Gen Intel Core i7/i5/i3 & Celeron Processor
logo
AAEON Technology
PICO-KBU1 AAEON-PICO-KBU1 Datasheet
702Kb / 2P
PICO-ITX Board with 7th Gen. Intel Core i7/i5/i3/Celeron U-Series SoC
logo
Advantech Co., Ltd.
MIO-5375 ADVANTECH-MIO-5375 Datasheet
5Mb / 6P
11th Gen. Intel® Core™ i7/i5/i3/Celeron U-Series 3.5" SBC w/ MIOe
10-Jun-2022
logo
AAEON Technology
PICO-KBU4 AAEON-PICO-KBU4 Datasheet
611Kb / 2P
Pico-ITX Board with 7th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/10/04
PICO-TGU4-SEMI AAEON-PICO-TGU4-SEMI Datasheet
420Kb / 2P
PICO-SEMI Embedded with 11th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/11/08
PICO-TGU4 AAEON-PICO-TGU4 Datasheet
506Kb / 2P
Pico-ITX Board with 11th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/12/06
logo
BCM Advanced Research.
ECM-TGU BCM-ECM-TGU Datasheet
3Mb / 2P
11th Gen Intel® Tiger Lake U Core™ SoC i7/i5/i3 & Celeron® BGA Processor Onboard 3.5” SBC
02/17/2023
EMX-TGLP BCM-EMX-TGLP Datasheet
616Kb / 2P
11th Gen Intel® Core™ SoC i7/i5/i3 & Celeron BGA Mini-ITX Motherboard
2022/04/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com