Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  11th Gen. Intel® Core™ i7/i5/i3/Celeron U-series Pico-ITX SBC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MI/O Extension SBCs, Modules and Chassis
Features
MIO-2375
Features
11th Gen. Intel® Core™ i7/i5/i3/Celeron
U-series Pico-ITX SBC
ƒ
11th Gen. Intel® Core™ Processor with Quad/Dual Cores, TDP 15W
ƒ
On-board LPDDR4x-4267 up to 32G with IBECC for Industrial Sku
ƒ
Dual independent display: eDP/MIPI-DSI, DP up to 8K
ƒ
2 GbE, 2 USB 3.2, COM Port, SMBus/I2C
ƒ
Expansion: M.2 E-Key, M.2 B-Key/M-Key NVMe x2
ƒ
Supports iManager & Software APIs, WISE-DeviceOn, and Edge AI Suite
Specifications
Platform
Processor
i7-1185G7E
i7-1185GRE
i5-1145G7E
i3-1115G4E
Celeron® 6305E
Max. Frequency
4.40 GHz
4.40 GHz
4.10 GHz
3.90 GHz
N/A
Base Frequency
1.80 GHz
1.80 GHz
1.50 GHz
2.20 GHz
1.80GHz
Core/Tread
4/8
4/8
4/8
2/4
2/2
LLC
12MB
12MB
8MB
6MB
4MB
CPU TDP
15W
15W
15W
15W
15W
Chipset
Intel 300 Series Chipset (SoC Integrated)
BIOS
AMI EFI 256Mbit
Memory
Technology
LPDDR4x-4267
LPDDR4x-4267
LPDDR4x-4267
LPDDR4x-3733
LPDDR4x-3733
Max. Capacity
Up to 32GB
Channel/Socket
Single or Dual Channels / Onboard
ECC Support
No
Yes
No
No
No
Graphics
Controller
Integrated Intel® Iris® Xe Graphics
Intel® UHD Graphics
Intel® UHD Graphics
Max. Frequency
1.35 GHz
1.35 GHz
1.30 GHz
1.25 GHz
1.25 GHz
3D/HW Acceleration
DX12, OGL4.0, OCL1.2, HW Encode: H.265/HEVC, H.264, MPEG2, HW Decode: H.264
Display I/F
LCD
eDP1.4 HBR3, up to 4096x2304x36bpp@60Hz; with DSC 7680x4320x30bpp@60 Hz
Optional MIPI-DSI 2.5GHz, up to 3200x2000x24bpp@60Hz; with DSC 5120x3200x24bpp@60 Hz
HDMI/DP
1 x DP1.4 (DP++), up to 4096x2304x36bpp@60Hz; with DSC 7680x4320x30bpp@60 Hz
Multiple Display
Dual simultaneous displays by eDP/MIPI-DSI + DP
Ethernet
Controller
LAN1: Intel 219LM, LAN2: Intel 210AT/IT
Speed
10/100/1000 Mbps
External I/O
Ethernet
2 x RJ-45
VGA/HDMI/DP
-/-/1
USB3.2/USB2.0
2/-
Power DC-Jack
Optional
Internal I/O
SATA
1 x SATA GenIII 6.0Gbps
USB2.0
2
Serial Bus
I2C (default), SMBus*(optional)
COM Port
1 x RS-232/422/485, 1 x RS-232
GPIO
4-bit general purpose input output I/O
Audio
Realtek ALC888s, Line-in/Line-out/MIC
Invertor
12V
Fan
1 smart fan 4-wire @ 12V
Front Panel Control
Power-on, Reset, Buzzer, SATA LED, CaseOpen
Board Feature
Watchdog Timer
65536 level, 0~65535 sec
TPM
TPM2.0
iManager 3.0
SW API for Hardware Monitor, Smart Fan Control, Brightness Control, I2C, GPIO, WDT
Expansion
M.2 E-Key
1 x E-Key 2230 (PCIe x1, USB2.0)
M.2 B-Key/ M.2 M-Key
1 x B-Key 3042/2242 (SATA x1, USB2.0 x1) w/ Nano-SIM
*Optional 1 x M-Key 2242 (PCIe x2 NVMe)
Power
Supply Voltage
Vin: DC 12V ± 10%; RTC Battery: Lithium 3V/210mAH
Connector
ATX 2pin 180D, optional DC-Jack
Power Management
AT, ATX
Max. Consumption
20.491W
21.347W
20.411W
21.198W
Idle Consumption
17.368W
8.820W
16.872W
13.991W
Environment
Temperature
Operating: Standard: 0 ~ 60 °C (32 ~ 140 °F)
Operating: Extend: -40 ~ 85 °C (-40 ~ 185 °F) for Industrial Sku
Storage: -40 ~ 85 °C (-40 ~ 185 °F)
Humidity
Operating: 40 °C @ 95% relative humidity, non-condensing
Storage: 60 °C @ 95%relative humidity, non-condensing
Vibration Resistance
3.5 Grms
Certification
EMC
CE, FCC Class B
Mechanical
Dimensions
100 x 72 mm (3.9" x 2.8")
Net Weight
80g
*Note: Support by request
Software APIs:
GPIO
SMBus/I2C Watch Dog
Timer
Backlight
On/Off
Brightness
Hardware
Monitor
System
Thro�ling
Thermal
Protec�on
Smart Fan
Data
Security
System Info
NEW
All product specifications are subject to change without notice.
Last updated: 16-Jun-2022


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO500 AXIOMTEK-PICO500_17 Datasheet
330Kb / 1P
Pico-ITX SBC with 6th Gen Intel Core i7/i5/i3 & Celeron Processors
PICO512 AXIOMTEK-PICO512 Datasheet
376Kb / 1P
Pico-ITX SBC with 7th Gen Intel Core i7/i5/i3 & Celeron Processor
PICO880 AXIOMTEK-PICO880_17 Datasheet
232Kb / 1P
Pico-ITX SBC with 4th/5th Gen Intel Core i7/i5/i3 & Celeron Processor
logo
AAEON Technology
PICO-KBU1 AAEON-PICO-KBU1 Datasheet
702Kb / 2P
PICO-ITX Board with 7th Gen. Intel Core i7/i5/i3/Celeron U-Series SoC
logo
Advantech Co., Ltd.
MIO-5375 ADVANTECH-MIO-5375 Datasheet
5Mb / 6P
11th Gen. Intel® Core™ i7/i5/i3/Celeron U-Series 3.5" SBC w/ MIOe
10-Jun-2022
logo
AAEON Technology
PICO-KBU4 AAEON-PICO-KBU4 Datasheet
611Kb / 2P
Pico-ITX Board with 7th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/10/04
PICO-TGU4-SEMI AAEON-PICO-TGU4-SEMI Datasheet
420Kb / 2P
PICO-SEMI Embedded with 11th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/11/08
PICO-TGU4 AAEON-PICO-TGU4 Datasheet
506Kb / 2P
Pico-ITX Board with 11th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/12/06
logo
BCM Advanced Research.
ECM-TGU BCM-ECM-TGU Datasheet
3Mb / 2P
11th Gen Intel® Tiger Lake U Core™ SoC i7/i5/i3 & Celeron® BGA Processor Onboard 3.5” SBC
02/17/2023
EMX-TGLP BCM-EMX-TGLP Datasheet
616Kb / 2P
11th Gen Intel® Core™ SoC i7/i5/i3 & Celeron BGA Mini-ITX Motherboard
2022/04/12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com