Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  11th Gen. Intel® Core™ i7/i5/i3/Celeron U-series Pico-ITX SBC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.advantech.com/products
Online Download
Block Diagram
MIO-2375
Packing List
Part No.
Description
Quantity
MIO-2375 SBC
Startup Manual
1700006291
SATA cable 30cm
1
1700027546-01
A CABLE SATA Power 15P/1*4P-2.5 15cm
1
1700030406-01
M Cable 2*5P-2.0/USB-A 4P(F)*2 20cm
1
1700030404-01
RS-232 9P(M)/1*10P-1.25 20cm
2
1700019584-01
A Cable 2*5P-2.0/Audio JACK*3 20cm
1
1700019705-01
AT power cable 12 cm
1
1970004956T001 MIO-2375 Cooler
1
Rear I/O View
Ordering Information
Part No.
CPU
Max. Frequency
Core
Memory
Sim Holder
TPM
Thermal Solution
Operating
Temperature
MIO-2375C7P-Q4A1
i7-1185G7E
4.40 GHz
4
16GB
Yes
Yes
Active
0 ~ 60 °C
MIO-2375C5P-Q1A1
i5-1145G7E
4.10 GHz
4
16GB
Yes
Yes
Active
0 ~ 60 °C
MIO-2375C3P-P9A1
i3-1115G4E
3.90 GHz
2
8GB
Yes
Yes
Active
0 ~ 60 °C
MIO-2375C7PX-Q4A1
i7-1185GRE
4.40 GHz
4
16GB
Yes
Yes
Active
-40 ~ 85°C
MIO-2375CRP-S8A1
Celeron 6305E
NA
2
8GB
Yes
Yes
Passive
0 ~ 60 °C
Optional Accessories
Part No.
Description
1970004968N001
MIO-2375 Heatspreader
Embedded OS/API
Embedded OS/API Part No.
Description
Windows 10
20706WX9HM0020
64-bit (UEFI Mode Only)
Ubuntu 20.04
20706U20DS0013
Ubuntu Desktop 20.04 LTS 64-bit
Image & License Sticker for
MIO-2375
Yocto
Support by Request
Yocto BSP and Test Image
Software API
Website Download
SUSI v4.0
LPDDR4x-4267
Dual Channel
Up to 32GB
*IBECC
CH-0
DDI A
PCIex2
CH-1
eDP 4-Lane/MIPI-DSI
SATA
1 x SATA
M.2 M-Key 2242
PCIex2, USB2.0
SPI
M.2 E-Key 2230
Audio
Line-in/out/MIC
COM1
RS-232/422/485
COM2 RS-232
GPIO 4-bit
I2C (SMBus)
Smart Fan
USB2.0 SATA III
*PCIex2
Nano SIM
M.2 B Key
3042/2242
DC 12V only AT/ATX
(TCP2)Type-C
DP 1.4
PCIex1
GbE (vPro)
i219
CODEC ALC-888s
TPM2.0 AES-256
SPI
256M BIOS
SPI
EIO-211
PCIex1
GbE
USB3.2 x2
2 x USB 3.2
USB 2.0 x2
2 x USB 2.0
External I/O
Internal I/O
Opt. Func.
Intel Tiger Lake-UP3 SoC
I7/i5/i3 (15W)
I210



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com