Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADF70XXMB2 Datasheet (PDF) - Analog Devices

EVAL-ADF70XXMB2 Datasheet PDF - Analog Devices
Part # EVAL-ADF70XXMB2
Download  EVAL-ADF70XXMB2 Download
File Size   917.42 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance ISM Band Transceiver IC

EVAL-ADF70XXMB2 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL-ADF70XXMB2 Datasheet PDF - Analog Devices

Part # EVAL-ADF70XXMB2
Download  EVAL-ADF70XXMB2 Click to download

File Size   917.42 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance ISM Band Transceiver IC

EVAL-ADF70XXMB2 Datasheet (HTML) - Analog Devices


EVAL-ADF70XXMB2 Product details

GENERAL DESCRIPTION

The ADF7025 is a low power, highly integrated FSK transceiver. It is designed for operation in the license–free ISM bands of 433 MHz, 863 MHz to 870 MHz, and 902 MHz to 928 MHz. The ADF7025 can be used for applications operating under the European ETSI EN300-220 or the North American FCC (Part 15) regulatory standards. The ADF7025 is intended for wideband, high data rate applications with deviation frequencies from 100 kHz to 750 kHz and data rates from 9.6 kbps to 384 kbps. A complete transceiver can be built using a small number of external discrete components, making the ADF7025 very suitable for price-sensitive and area-sensitive applications.



FEATURES

  Low power, zero-IF RF transceiver

  Frequency bands

     431 MHz to 464 MHz

     862 MHz to 870 MHz

     902 MHz to 928 MHz

  Data rates supported

     9.6 kbps to 384 kbps, FSK

  2.3 V to 3.6 V power supply

  Programmable output power

     −16 dBm to +13 dBm in 63 steps

  Receiver sensitivity

     −104.2 dBm at 38.4 kbps, FSK

     −100 dBm at 172.8 kbps, FSK

     −95.8 dBm at 384 kbps, FSK

  Low power consumption

     19 mA in receive mode

     28 mA in transmit mode (10 dBm output)

  On-chip VCO and Fractional-N PLL

  On-chip, 7-bit ADC and temperature sensor

  Digital RSSI

  Integrated TRx switch

  Leakage current < 1 µA in power-down mode



APPLICATIONS

  Wireless audio/video

  Remote control/security systems

  Wireless metering

  Keyless entry

  Home automation



 




Similar Part No. - EVAL-ADF70XXMB2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF70XXMB AD-EVAL-ADF70XXMB Datasheet
471Kb / 44P
High Performance Narrowband ISM Transceiver IC
Rev. PrI
EVAL-ADF70xxMBZ AD-EVAL-ADF70xxMBZ Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
EVAL-ADF70XXMBZ AD-EVAL-ADF70XXMBZ Datasheet
1Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. B
EVAL-ADF70XXMBZ2 AD-EVAL-ADF70XXMBZ2 Datasheet
1Mb / 60P
HIgh Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF70xxMBZ2 AD-EVAL-ADF70xxMBZ2 Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Similar Description - EVAL-ADF70XXMB2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
High Performance ISM Band FSK/ASK Transceiver IC
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
High Performance ISM Band ASK/FSK Transmitter IC
Jan-2005
ADF7021 AD-ADF7021 Datasheet
471Kb / 44P
High Performance Narrowband ISM Transceiver IC
Rev. PrI
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7023-J AD-ADF7023-J Datasheet
1Mb / 100P
High Performance, Low Power, ISM Band FSK/GFSK/MSK/GMSK Transceiver IC
REV. 0
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
High Performance ISM Band Transceiver IC
REV. B
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7030 AD-ADF7030 Datasheet
431Kb / 24P
High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
7/15-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com