Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBT1040 Datasheet (PDF) - Diotec Semiconductor

SBT1040 Datasheet PDF - Diotec Semiconductor
Part # SBT1040
Download  SBT1040 Download
File Size   378.24 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER

SBT1040 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBT1040 Datasheet PDF - Diotec Semiconductor

Part # SBT1040
Download  SBT1040 Click to download

File Size   378.24 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER

SBT1040 Datasheet (HTML) - Diotec Semiconductor


SBT1040 Product details

Schottky Barrier Rectifiers – Single Diode

• Nominal current                                   10 A
• Repetitive peak reverse voltage 20...100 V
• Plastic case                                TO-220AC
• Weight approx.                                   1.8 g
• Plastic material has UL classification 94V-0
• Standard packaging in tubes




Similar Part No. - SBT1040

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBT1040 DIOTEC-SBT1040 Datasheet
123Kb / 2P
Schottky Barrier Rectifier Diodes - Single Diode
SBT1040 DIOTEC-SBT1040 Datasheet
113Kb / 2P
Schottky Barrier Rectifiers - Single Diode
SBT1040 DIOTEC-SBT1040 Datasheet
124Kb / 2P
Schottky Barrier Rectifier Diodes . Single Diode
SBT1040 DIOTEC-SBT1040 Datasheet
170Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
SBT1040CT SUNMATE-SBT1040CT Datasheet
565Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SBT1040

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB3020PT PANJIT-SB3020PT Datasheet
184Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com