Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF171 Datasheet (PDF) - Advanced Semiconductor

MRF171 Datasheet PDF - Advanced Semiconductor
Part # MRF171
Download  MRF171 Download
File Size   34.8 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description N-Channel Enhancement Mode TMOS RF FET

MRF171 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF171 Datasheet PDF - Advanced Semiconductor

Part # MRF171
Download  MRF171 Click to download

File Size   34.8 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description N-Channel Enhancement Mode TMOS RF FET

MRF171 Datasheet (HTML) - Advanced Semiconductor


MRF171 Product details

DESCRIPTION:

The ASI MRF171 is a gold metallized N-Channel Enhancement mode MOSFET, intended for use in 28 VDC large signal applications to 200 MHz.



FEATURES:

• PG = 12 dB min at 150 MHz

• Omnigold™ Metalization System

• 2 – 200 MHz operation




Similar Part No. - MRF171

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MRF171 NJSEMI-MRF171 Datasheet
51Kb / 1P
TMOS RF FET N-Channel Enhancement Mode
logo
Tyco Electronics
MRF171A MACOM-MRF171A Datasheet
225Kb / 12P
MOSFET BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF171A MA-COM-MRF171A Datasheet
472Kb / 14P
The RF MOSFET Line 45W, 150MHz, 28V
MRF171A MA-COM-MRF171A Datasheet
472Kb / 14P
The RF MOSFET Line 45W, 150MHz, 28V
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
More results


Similar Description - MRF171

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BS170 MOTOROLA-BS170 Datasheet
77Kb / 4P
TMOS FET Switching(N-Channel-Enhancement)
MGSF1N02LT1 MOTOROLA-MGSF1N02LT1 Datasheet
187Kb / 6P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF1N03LT1 MOTOROLA-MGSF1N03LT1 Datasheet
183Kb / 6P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3442VT1 MOTOROLA-MGSF3442VT1 Datasheet
142Kb / 6P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3442XT1 MOTOROLA-MGSF3442XT1 Datasheet
86Kb / 4P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MMBF0201N MOTOROLA-MMBF0201N Datasheet
178Kb / 6P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MMFT108T1 MOTOROLA-MMFT108T1 Datasheet
91Kb / 6P
TMOS FET TRANSISTOR N-CHANNEL - ENHANCEMENT
logo
Seme LAB
2N6796 SEME-LAB-2N6796_03 Datasheet
22Kb / 2P
TMOS FET ENHANCEMENT N - CHANNEL
logo
Motorola, Inc
VN2410LG MOTOROLA-VN2410LG Datasheet
61Kb / 4P
TMOS FET Transistor N-Channel - Enhancement
logo
New Jersey Semi-Conduct...
MRF171 NJSEMI-MRF171 Datasheet
51Kb / 1P
TMOS RF FET N-Channel Enhancement Mode
More results




About Advanced Semiconductor


Advanced Semiconductor, Inc. (ASI) is a semiconductor company based in South Korea. The company was founded in 1989 and specializes in the design and manufacturing of memory and storage solutions for a variety of applications, including consumer electronics, automotive, and industrial markets.

ASI's product portfolio includes DRAM, SRAM, flash memory, and embedded memory solutions. These products are used in a wide range of devices, including smartphones, tablets, laptops, servers, and automotive infotainment systems.

ASI is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. ASI also offers custom design and engineering services to meet the specific needs of its customers.

ASI has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative memory and storage solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com