Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON4603 Datasheet (PDF) - Alpha & Omega Semiconductors

AON4603 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON4603
Download  AON4603 Download
File Size   155.65 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Complementary Enhancement Mode Field Effect Transistor

AON4603 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON4603 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON4603
Download  AON4603 Click to download

File Size   155.65 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Complementary Enhancement Mode Field Effect Transistor

AON4603 Datasheet (HTML) - Alpha & Omega Semiconductors


AON4603 Product details

General Description
The AON4603 uses advanced trench technology to provide excellent R DS(ON) and low gate charge. The complementary MOSFETs form a high-speed power inverter, suitable for a multitude of applications. Standard Product AON4603 is Pb-free (meets ROHS & Sony 259 specifications). AON4603L is a Green Product ordering option. AON4603 and AON4603L are electrically identical.

Features
   n-channel                p-channel
   VDS (V) = 30V        -30V
   ID = 4A -                  3.6A (VGS= ±10V)
   RDS(ON) < 75mΩ   < 100mΩ (VGS = ±10V)
   RDS(ON) < 115mΩ < 180mΩ (VGS = ±4.5V)




Similar Part No. - AON4603

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON4602 AOSMD-AON4602 Datasheet
156Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AON4602L AOSMD-AON4602L Datasheet
156Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AON4604 AOSMD-AON4604 Datasheet
160Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AON4605 AOSMD-AON4605 Datasheet
424Kb / 9P
30V Complementary MOSFET
More results


Similar Description - AON4603

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com