Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATO2BP Datasheet (PDF) - Littelfuse

ATO2BP Datasheet PDF - Littelfuse
Part # ATO2BP
Download  ATO2BP Download
File Size   1893.48 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO® Blade Fuses - Aftermarket Rated 32V

ATO2BP Datasheet (PDF)

Go To PDF Page Download Datasheet
ATO2BP Datasheet PDF - Littelfuse

Part # ATO2BP
Download  ATO2BP Click to download

File Size   1893.48 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO® Blade Fuses - Aftermarket Rated 32V

ATO2BP Datasheet (HTML) - Littelfuse


ATO2BP Product details

Description
Developed by Littelfuse for the automotive industry, the
ATO® fuse has become the original equipment circuit
protection standard for foreign and domestic
automobiles and trucks. Readily identifiable and easily
replaced, this fuse can be specified for a variety of low
voltage electronic applications. It is currently found on
most cars, trucks, buses and off the road vehicles
worldwide. Features Littelfuse designed industry
standard color coding to indicate amp rating.

Features & Benefits
Color coding indicates
amperage rating
See-through housings make it
easier to see when fuses blow
Checkpoints on top make
it possible to measure
resistance without removing
the fuse
High-contrast ampere stamps
on housings aid identification
Simple to install and remove




Similar Part No. - ATO2BP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATO25D1GA ETC-ATO25D1GA Datasheet
1Mb / 46P
3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
Sep.2013. Rev 0.5
ATO25D1GA-10CA ETC-ATO25D1GA-10CA Datasheet
1Mb / 46P
3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
Sep.2013. Rev 0.5
ATO25D1GA-10CB ETC-ATO25D1GA-10CB Datasheet
1Mb / 46P
3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
Sep.2013. Rev 0.5
ATO25D1GA-10CC ETC-ATO25D1GA-10CC Datasheet
1Mb / 46P
3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
Sep.2013. Rev 0.5
ATO25D1GA-10CD ETC-ATO25D1GA-10CD Datasheet
1Mb / 46P
3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
Sep.2013. Rev 0.5
More results


Similar Description - ATO2BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257001 LITTELFUSE-0257001 Datasheet
178Kb / 2P
ATO Blade Fuse Rated 32V
0297002 LITTELFUSE-0297002 Datasheet
197Kb / 2P
MINI Blade Fuse Rated 32V
0299020 LITTELFUSE-0299020 Datasheet
205Kb / 2P
MAXI Blade Fuse Rated 32V
0496060 LITTELFUSE-0496060_1 Datasheet
123Kb / 1P
CABLEPRO짰 Cable Protector Fuses Rated 32V
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
028707.5H LITTELFUSE-028707.5H Datasheet
441Kb / 2P
ATOF??Blade Fuse Rated 32V
029707.5U LITTELFUSE-029707.5U Datasheet
281Kb / 2P
MINI짰 BLADE FUSE RATED 32V
0299025.TXN LITTELFUSE-0299025.TXN Datasheet
206Kb / 2P
MAXI Blade Fuse Rated 32V
166.7000.4302 LITTELFUSE-166.7000.4302 Datasheet
284Kb / 2P
FKS ATO STYLE BLADE FUSE RATED 80V UL 248 Special Purpose Fuses
142.6185.4102 LITTELFUSE-142.6185.4102 Datasheet
290Kb / 2P
TAC ATO STYLE BLADE FUSE RATED 58V Blade contacts
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com