Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATO2BP Datasheet(PDF) 3 Page - Littelfuse

Part # ATO2BP
Description  ATO® Blade Fuses - Aftermarket Rated 32V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ATO2BP Datasheet(HTML) 3 Page - Littelfuse

  ATO2BP Datasheet HTML 1Page - Littelfuse ATO2BP Datasheet HTML 2Page - Littelfuse ATO2BP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
©2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/15/2022
Datasheet
Time-Current
Characteristic Curves
0.01
0.1
1
10
100
1000
10000
1
10
100
1000
Current (A)
Time-Current Characteristics
% of Rating
Current
Rating (A)
Opening Time
Min. / Max. (s)
100
35–40
360,000 / ∞
110
1–30
360,000 / ∞
135
1–2
3–40
0.35 / 600
0.750 / 600
160
1–40
0.250 / 50
200
1–2
3–40
0.1 / 5
0.15 / 5
350
1–2
3–40
0.02 / 0.5
0.08 / 0.5
600
1–30
35–40
0.1 max
0.15 max
Temperature Table
Max. allowed current load (A) at ambient temperature
(typical derating)
-40 °C
0 °C 20 °C 65 °C 85 °C 110 °C 125 °C
1 A
1
1
1
1
1
1
1
2 A
2
2
2
2
2
1
1
3 A
3
3
3
3
2
2
2
4 A
4
4
4
3
3
3
2
5 A
5
5
5
4
4
3
3
7.5 A
8
7
7
6
5
5
4
10 A
10
10
10
8
7
6
5
15 A
15
15
14
12
11
9
8
20 A
20
19
18
15
14
12
10
25 A
25
25
23
19
18
15
13
30 A
30
29
27
23
21
18
15
35 A
35
35
35
29
27
22
19
40 A
40
39
37
31
28
24
20
Typical Derating of Fuse Melting Element
Temperature security margin is 20 %.
Wire cross-section and fixture test setup refer to ISO 8820-3.
Please contact Littelfuse for details regarding derating test setup.
0
5
10
15
20
25
30
35
40
45
50
Ambient Temperature (°C)
1 A
2 A
3 A
4 A
5 A
7.5 A
10 A
15 A
20 A
25 A
30 A
35 A
40 A
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
Derating curves may change depending on the final condition of the application (terminals’ characteristics, wire
size, etc.). Please ask Littelfuse® for more information.
Max. Recommended
Environmental
Temperature
Ambient Temperature (°C)
ATO® Blade Fuses - Aftermarket
Rated 32V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com