Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATO2BP Datasheet(PDF) 1 Page - Littelfuse

Part # ATO2BP
Description  ATO® Blade Fuses - Aftermarket Rated 32V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ATO2BP Datasheet(HTML) 1 Page - Littelfuse

  ATO2BP Datasheet HTML 1Page - Littelfuse ATO2BP Datasheet HTML 2Page - Littelfuse ATO2BP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
©2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/15/2022
Datasheet
ATO® Blade Fuses - Aftermarket
Rated 32V
Description
Developed by Littelfuse for the automotive industry, the
ATO® fuse has become the original equipment circuit
protection standard for foreign and domestic
automobiles and trucks. Readily identifiable and easily
replaced, this fuse can be specified for a variety of low
voltage electronic applications. It is currently found on
most cars, trucks, buses and off the road vehicles
worldwide. Features Littelfuse designed industry
standard color coding to indicate amp rating.
Applications
Features & Benefits
Ordering Information

Cars

Trucks

SUVs

Offroad vehicles

Buses

Watercraft as approved by
Littelfuse®

Color coding indicates
amperage rating

See-through housings make it
easier to see when fuses blow

Checkpoints on top make
it possible to measure
resistance without removing
the fuse

High-contrast ampere stamps
on housings aid identification

Simple to install and remove
Voltage Rating:
32 V DC
Interrupting Rating:
1000 A @ 32 V DC
Recommended Environmental
Temperature:
–40 ˚C to +125 ˚C
Terminals Material:
Tin- plated*
Housing Material:
PA66 (UL 94 Flammability rating of V-2)
Net Weight Per Fuse:
1.4 g ± 5 %
Comply With:
SAE J1284 and ISO 8820-3
UL Listed:
File AU1410
CSA Certified:
File No. 29862
Specifications
*Tin plating’s temperature limit is ≈130 ˚C.
COLOR
CODE
BOXED
CARDED
PLUS PACK
MATERIAL
#
CATALOG
#
MATERIAL
#
CATALOG
#
MATERIAL
#
Black
1A
0ATO001.V
ATO1
0ATO001.VP
ATO1BP
0ATO001.ZXPRO
Gray
2A
0ATO002.V
ATO2
0ATO002.VP
ATO2BP
0ATO002.ZXPRO
Violet
3A
0ATO003.V
ATO3
0ATO003.VP
ATO3BP
0ATO003.ZXPRO
Pink
4A
0ATO004.V
ATO4
0ATO004.VP
ATO4BP
0ATO004.ZXPRO
Tan
5A
0ATO005.V
ATO5
0ATO005.VP
ATO5BP
0ATO005.ZXPRO
Brown
7.5A
0ATO07.5V
ATO7.5
0ATO07.5VP ATO7.5BP 0ATO07.5ZXPRO
Red
10A
0ATO010.V
ATO10
0ATO010.VP
ATO10BP
0ATO010.ZXPRO
Blue
15A
0ATO015.V
ATO15
0ATO015.VP
ATO15BP
0ATO015.ZXPRO
Yellow
20A
0ATO020.V
ATO20
0ATO020.VP
ATO20BP
0ATO020.ZXPRO
Clear
25A
0ATO025.V
ATO25
0ATO025.VP
ATO25BP
0ATO025.ZXPRO
Green
30A
0ATO030.V
ATO30
0ATO030.VP
ATO30BP
0ATO030.ZXPRO
Orange
40A
0ATO040.V
ATO40
0ATO040.VP
ATO40BP
---
COLOR
CODE
BOXED
CARDED
PLUS PACK
MATERIAL
#
CATALOG
#
MATERIAL
#
CATALOG
#
MATERIAL
#
Please refer to the Littelfuse Aftermarket catalog for packaging information.


Similar Part No. - ATO2BP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATO25D1GA ETC-ATO25D1GA Datasheet
1Mb / 46P
3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
Sep.2013. Rev 0.5
ATO25D1GA-10CA ETC-ATO25D1GA-10CA Datasheet
1Mb / 46P
3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
Sep.2013. Rev 0.5
ATO25D1GA-10CB ETC-ATO25D1GA-10CB Datasheet
1Mb / 46P
3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
Sep.2013. Rev 0.5
ATO25D1GA-10CC ETC-ATO25D1GA-10CC Datasheet
1Mb / 46P
3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
Sep.2013. Rev 0.5
ATO25D1GA-10CD ETC-ATO25D1GA-10CD Datasheet
1Mb / 46P
3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
Sep.2013. Rev 0.5
More results

Similar Description - ATO2BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257001 LITTELFUSE-0257001 Datasheet
178Kb / 2P
ATO Blade Fuse Rated 32V
0297002 LITTELFUSE-0297002 Datasheet
197Kb / 2P
MINI Blade Fuse Rated 32V
0299020 LITTELFUSE-0299020 Datasheet
205Kb / 2P
MAXI Blade Fuse Rated 32V
0496060 LITTELFUSE-0496060_1 Datasheet
123Kb / 1P
CABLEPRO짰 Cable Protector Fuses Rated 32V
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
028707.5H LITTELFUSE-028707.5H Datasheet
441Kb / 2P
ATOF??Blade Fuse Rated 32V
029707.5U LITTELFUSE-029707.5U Datasheet
281Kb / 2P
MINI짰 BLADE FUSE RATED 32V
0299025.TXN LITTELFUSE-0299025.TXN Datasheet
206Kb / 2P
MAXI Blade Fuse Rated 32V
166.7000.4302 LITTELFUSE-166.7000.4302 Datasheet
284Kb / 2P
FKS ATO STYLE BLADE FUSE RATED 80V UL 248 Special Purpose Fuses
142.6185.4102 LITTELFUSE-142.6185.4102 Datasheet
290Kb / 2P
TAC ATO STYLE BLADE FUSE RATED 58V Blade contacts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com