Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH69P26M Datasheet (PDF) - List of Unclassifed Manufacturers

SH69P26M Datasheet PDF - List of Unclassifed Manufacturers
Part # SH69P26M
Download  SH69P26M Download
File Size   393.42 Kbytes
Page   43 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OTP 6K 4-Bit Micro-controller

SH69P26M Datasheet (PDF)

Go To PDF Page Download Datasheet
SH69P26M Datasheet PDF - List of Unclassifed Manufacturers

Part # SH69P26M
Download  SH69P26M Click to download

File Size   393.42 Kbytes
Page   43 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OTP 6K 4-Bit Micro-controller

SH69P26M Datasheet (HTML) - List of Unclassifed Manufacturers


SH69P26M Product details

Features
SH6610D-based single-chip 4-bit micro-controller
OTPROM: 6k X 16 bits
RAM: 389 X 4 bits
69 System control register
320 Data memory
Operation voltage:
fOSC = 30kHz - 4MHz, VDD = 2.4V - 5.5V
fOSC = 4MHz - 8MHz, VDD = 4.5V - 5.5V
29 CMOS bi-directional I/O pins
8-level stack (including interrupts)
Two 8-bit auto re-loaded timer/counter, one can switch to
external clock source
Warm-up timer
Built-in pull-high for I/O port
Powerful interrupt sources:
Timer0 interrupt
Timer1 interrupt
Timer2 interrupt
External interrupts: PORTF (Falling edge), CMPOUT
Oscillator (code option)
Crystal oscillator: 32.768kHz, 400kHz - 8MHz
- Ceramic resonator: 400kHz - 8MHz
- External RC oscillator: 400kHz - 8MHz
- Internal RC oscillator: 2MHz, 4MHz, 6MHz
- External clock: 30kHz - 8MHz
Instruction cycle time (4/fOSC)
Two low power operation modes: HALT and STOP
Reset:
- Built-in watchdog timer (code option)
- Built-in Power-on Reset (POR)
- Built-in Low Voltage Reset (LVR)
Two-level Low Voltage Reset (LVR) (code option)
One 16-bit timer/counter for pulse measurement
LED numeric display drive capability on PORTA, PORTB,
PORTD and PORTH [1:0]
Built-in one comparator
Read ROM Table function
2 channels Tone generator
Internal reliable reset circuit
OTP type/code protection
28-pin SKINNY/28-pin SOP/32-pin DIP package




Similar Part No. - SH69P26M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SH69P20 ETC1-SH69P20 Datasheet
390Kb / 26P
SH69P20
SH69P20H ETC1-SH69P20H Datasheet
390Kb / 26P
SH69P20
SH69P20M ETC1-SH69P20M Datasheet
390Kb / 26P
SH69P20
More results


Similar Description - SH69P26M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
ELAN Microelectronics C...
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
8 - BIT OTP MICRO CONTROLLER
EM78P813 EMC-EM78P813 Datasheet
533Kb / 65P
8-BIT OTP MICRO-CONTROLLER
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
8-BIT OTP MICRO-CONTROLLER
logo
Micon Design Technology...
MDT90P01 MDTIC-MDT90P01_09 Datasheet
149Kb / 11P
4-bit micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com