Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3CH360 Datasheet (PDF) - Pericom Semiconductor Corporation

PI3CH360 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3CH360
Download  PI3CH360 Download
File Size   436.99 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Low Voltage, High-Bandwidth, 3-Channel 2:1 Mux/DeMux, NanoSwitch

PI3CH360 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3CH360 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3CH360
Download  PI3CH360 Click to download

File Size   436.99 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Low Voltage, High-Bandwidth, 3-Channel 2:1 Mux/DeMux, NanoSwitch

PI3CH360 Datasheet (HTML) - Pericom Semiconductor Corporation


PI3CH360 Product details

Description
Pericom Semiconductor’s PI3CH series of switch circuits are produced using the Company’s advanced sub-micron CMOS technology, achieving industry leading performance.
The PI3CH360 is a 3-Channel, 2:1 Multiplexer/Demultiplexer with 3-state outputs. The switch introduces no additional ground bounce noise or propagation delay.
The PI3CH360 device is very useful in switching signals that have high bandwidth (500MHz).

Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• High signal passing bandwidth (500 MHz)
• Beyond Rail-to-Rail switching
• 5V I/O tolerant with 3.3V supply in OFF and ON state
• 2.5V and 3.3V supply voltage operation
• Hot Insertion Capable
• Industrial Operating Temperature: -40ºC to +85ºC
• 2KV ESD Protection (Human Body Model)
• Latch-up Performance > 250mA per JESD17
• Packaging (Pb-free & Green available):
    – 16-pin 150-mil wide plastic QSOP (Q)
    – 16-pin 173-mil wide plastic TSSOP (L)
    – 20-Contact TQFN (ZH)




Similar Part No. - PI3CH360

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH3244 PERICOM-PI3CH3244 Datasheet
606Kb / 8P
8-Bit Bus Switch, 2-Enable Low 1.8V/2.5V/3.3V, High-Bandwidth Switch, Hot Plug
PI3CH3244LEX PERICOM-PI3CH3244LEX Datasheet
606Kb / 8P
8-Bit Bus Switch, 2-Enable Low 1.8V/2.5V/3.3V, High-Bandwidth Switch, Hot Plug
PI3CH3244ZHEX PERICOM-PI3CH3244ZHEX Datasheet
606Kb / 8P
8-Bit Bus Switch, 2-Enable Low 1.8V/2.5V/3.3V, High-Bandwidth Switch, Hot Plug
PI3CH3305 PERICOM-PI3CH3305 Datasheet
350Kb / 8P
2-Bit Bus Switch, Enable High 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH3305LE PERICOM-PI3CH3305LE Datasheet
350Kb / 8P
2-Bit Bus Switch, Enable High 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
More results


Similar Description - PI3CH360

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
Mux/DeMux NanoSwitch?
PI5L100 PERICOM-PI5L100 Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PI3CH281 PERICOM-PI3CH281 Datasheet
490Kb / 9P
Low Voltage, High Bandwidth, 2-Channel, 4:1 Mux/DeMux, NanoSwitch with Single Enable
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
DeMux/Mux NanoSwitch
PI3B3257A PERICOM-PI3B3257A Datasheet
313Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3CH480 PERICOM-PI3CH480 Datasheet
449Kb / 8P
Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3257 DIODES-PI3B3257_V01 Datasheet
1Mb / 8P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
April 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com