Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIT1005 Datasheet (PDF) - ANADIGICS, Inc

AIT1005 Datasheet PDF - ANADIGICS, Inc
Part # AIT1005
Download  AIT1005 Download
File Size   77.2 Kbytes
Page   1 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description PicoTuner Complete Integrated Data Tuner

AIT1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIT1005 Datasheet PDF - ANADIGICS, Inc

Part # AIT1005
Download  AIT1005 Click to download

File Size   77.2 Kbytes
Page   1 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description PicoTuner Complete Integrated Data Tuner

AIT1005 Datasheet (HTML) - ANADIGICS, Inc


AIT1005 Product details

PRODUCT DESCRIPTION

The AIT1005 PicoTunerTM is a complete integrated data tuner that includes all the necessary RF tuner front end circuitry for cable modem applications. The AIT1005 combines GaAs and Silicon CMOS technology - which include the up converter, down converter and dual synthesizer circuits - along with a SAW filter, VCO tuning circuits, and passive components, to facilitate a complete double conversion tuner architecture. The AIT1005 is offered in a 40 lead package and requires one +5V supply, plus a low-power +28V supply for varactor tuning. It is well suited for applications that require complete, low cost, small size, high performance RF modules.



FEATURES

· Complete Integrated RF Tuner Front End

· Up Converter, Down Converter, Dual PLL,VCOs, SAW Filter and Discrete Passive Components Integrated in Package

· No External Components or Tuning Required

· 38 dB Gain, Flat Response over Input Band

· AGC Response Repeatable and Stable over Temperature

· -85 dBc Phase Noise (10 KHz offset)

· Better than -50 dBc Image Rejection

· 3 Wire Serial Programming

· Small Footprint

· DOCSIS Compliant

· -40°C to +85°C



APPLICATIONS

· Cable Modems

· CATV Data Tuner

· Set Top Box

· Home Gateway

· PC Add-on Card or Motherboard



 




Similar Part No. - AIT1005

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AIT1000 ANADIGICS-AIT1000 Datasheet
115Kb / 2P
Picotuner Complete Integrated Data Tuner
Rev 0
AIT1000M ANADIGICS-AIT1000M Datasheet
115Kb / 2P
Picotuner Complete Integrated Data Tuner
Rev 0
More results


Similar Description - AIT1005

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AIT1000 ANADIGICS-AIT1000 Datasheet
115Kb / 2P
Picotuner Complete Integrated Data Tuner
Rev 0
logo
Maxim Integrated Produc...
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX3540 MAXIM-MAX3540 Datasheet
262Kb / 16P
Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541 Datasheet
313Kb / 20P
Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3542 MAXIM-MAX3542 Datasheet
366Kb / 20P
Complete Single-Conversion Television Tuner
Rev 1; 1/10
logo
NXP Semiconductors
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
Fully integrated satellite tuner
Rev. 01-14 December 2004
TDA8262HN NXP-TDA8262HN Datasheet
166Kb / 30P
Fully integrated satellite tuner
Rev. 01-14 December 2004
logo
Maxim Integrated Produc...
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX3541 MAXIM-MAX3541_11 Datasheet
283Kb / 19P
Complete Single-Conversion Television Tuner
Rev 3; 2/11
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com