Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIT1000 Datasheet (PDF) - ANADIGICS, Inc

AIT1000 Datasheet PDF - ANADIGICS, Inc
Part # AIT1000
Download  AIT1000 Download
File Size   115.2 Kbytes
Page   2 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Picotuner Complete Integrated Data Tuner

AIT1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIT1000 Datasheet PDF - ANADIGICS, Inc

Part # AIT1000
Download  AIT1000 Click to download

File Size   115.2 Kbytes
Page   2 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Picotuner Complete Integrated Data Tuner

AIT1000 Datasheet (HTML) - ANADIGICS, Inc


AIT1000 Product details

FEATURES

· Complete Integrated RF Tuner Front End

· Up Converter, Down Converter & Dual PLL Integrated in Package

· No External Components

· No Tuning Required

· -35 dB Gain

· -85 dBc Phase Noise

· Better than -50 dBc Image Rejection

· 3 Wire Serial Programming

· Small Footprint, 22mm x 22mm

· DOCSIS Compliant

· 40 Lead Package

· -40°C to +85°C



APPLICATIONS

· Cable Modems

· CATV Data Tuner

· Set Top Box

· Home Gateway

· PC Add-on Card or Motherboard




Similar Part No. - AIT1000

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AIT1005 ANADIGICS-AIT1005 Datasheet
77Kb / 1P
PicoTuner Complete Integrated Data Tuner
08/2001
More results


Similar Description - AIT1000

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AIT1005 ANADIGICS-AIT1005 Datasheet
77Kb / 1P
PicoTuner Complete Integrated Data Tuner
08/2001
logo
Maxim Integrated Produc...
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX3540 MAXIM-MAX3540 Datasheet
262Kb / 16P
Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541 Datasheet
313Kb / 20P
Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3542 MAXIM-MAX3542 Datasheet
366Kb / 20P
Complete Single-Conversion Television Tuner
Rev 1; 1/10
logo
NXP Semiconductors
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
Fully integrated satellite tuner
Rev. 01-14 December 2004
TDA8262HN NXP-TDA8262HN Datasheet
166Kb / 30P
Fully integrated satellite tuner
Rev. 01-14 December 2004
logo
Maxim Integrated Produc...
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX3541 MAXIM-MAX3541_11 Datasheet
283Kb / 19P
Complete Single-Conversion Television Tuner
Rev 3; 2/11
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com