Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW673-01 Datasheet (PDF) - Renesas Technology Corp

IW673-01 Datasheet PDF - Renesas Technology Corp
Part # IW673-01
Download  IW673-01 Download
File Size   522.18 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Green-Mode Synchronous Rectifier Controller

IW673-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW673-01 Datasheet PDF - Renesas Technology Corp

Part # IW673-01
Download  IW673-01 Click to download

File Size   522.18 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Green-Mode Synchronous Rectifier Controller

IW673-01 Datasheet (HTML) - Renesas Technology Corp


IW673-01 Product details

1 Description
The iW673 is a high performance synchronous rectifier controller with an integrated MOSFET driver for flyback
converters operating at discontinuous conduction mode. Combined with the MOSFET, the iW673 can emulate the diode
rectifier at the secondary side of the flyback to reduce conduction loss. The iW673 determines the timing of the driver
by sensing the voltage across the RDS(ON) to achieve lossless sensing. The iW673 uses proprietary digital adaptive turnoff
control technology to minimize the turn-off deadtime of the synchronous rectifier so that the parallel Schottky diode
required by conventional synchronous rectifiers can be eliminated. The integrated driver has strong driving capability for
high efficiency. The operating power consumption of the controller excluding the driver is less than 4mW at no load to
achieve the ultra-low no-load power consumption at 5V output. The iW673 integrates a pulse linear regulator to maintain
the operation of the synchronous rectifier at low system output voltage when the system is operating in constant current
(CC) mode.

2 Features
● Digital adaptive turn-off control minimizes dead-time
and eliminates the parallel Schottky diode
● Integrated pulse linear regulator (PLR) enables SR
operation at down to 2.4V system output when system
is in constant current (CC) mode with iW673-00,
iW673-01, or iW673-20
● Wide VIN pin operating voltage up to 25V (16V for iW673-00)
● Optimized 5V MOSFET gate driver Intelligent low power
management achieves ultra-low
no-load operating current
● Lossless MOSFET VDS sensing for SR timing control
● 6-pin SOT23 package




Similar Part No. - IW673-01

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW673 DIALOG-IW673 Datasheet
376Kb / 6P
Digital Green-Mode Synchronous Rectifier Controller
More results


Similar Description - IW673-01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8 Datasheet
372Kb / 14P
SYNCHRONOUS RECTIFIER CONTROLLER
Rev erse
ZXGD3101N8 DIODES-ZXGD3101N8_15 Datasheet
372Kb / 14P
SYNCHRONOUS RECTIFIER CONTROLLER
Rev erse
logo
Eutech Microelectronics...
EUP9290 EUTECH-EUP9290 Datasheet
90Kb / 1P
Synchronous Rectifier Controller
logo
Texas Instruments
UCC24612 TI1-UCC24612 Datasheet
816Kb / 40P
High-Frequency Multi-Mode Synchronous Rectifier Controller
logo
Dialog Semiconductor
IW671 DIALOG-IW671 Datasheet
529Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
IW673 DIALOG-IW673 Datasheet
376Kb / 6P
Digital Green-Mode Synchronous Rectifier Controller
IW676 DIALOG-IW676 Datasheet
374Kb / 7P
Digital Synchronous Rectifier Controller Optimized for Wide
IW873 DIALOG-IW873 Datasheet
356Kb / 6P
Digital Green-Mode Synchronous Rectifier
logo
Renesas Technology Corp
IW671 RENESAS-IW671 Datasheet
636Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
02-Feb-2022
IW873 RENESAS-IW873 Datasheet
461Kb / 6P
Digital Green-Mode Synchronous Rectifier
02-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com