Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6108R Datasheet (PDF) - ANADIGICS, Inc

AWT6108R Datasheet PDF - ANADIGICS, Inc
Part # AWT6108R
Download  AWT6108R Download
File Size   276.08 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control

AWT6108R Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6108R Datasheet PDF - ANADIGICS, Inc

Part # AWT6108R
Download  AWT6108R Click to download

File Size   276.08 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control

AWT6108R Datasheet (HTML) - ANADIGICS, Inc


AWT6108R Product details

PRODUCT DESCRIPTION
This quad band power amplifier module is designed to support dual, tri and quad band applications. The module includes an integrated power control scheme that facilitates fast and easy production calibration and reduces the number of external components required to complete a power control function.

FEATURES
• InGaP HBT Technology
• Integrated Power Control (CMOS)
• Quad Band Applications
• +35 dBm GSM Output Power at 3.5 V
• +33 dBm DCS/PCS Output Power at 3.5 V
• 55% GSM PAE
• 50% DCS/PCS PAE
• Small Footprint: 7 x 10 mm
• Low Profile: 1.4 mm
• Power Control Range: >50 dB
• GPRS Capable (Class 12)
• RoHS Compliant Package, 250 °C MSL-3

APPLICATIONS
• GSM850/GSM900/DCS/PCS Handsets
• Dual/Tri/Quad Band PDA




Similar Part No. - AWT6108R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6108 ANADIGICS-AWT6108 Datasheet
316Kb / 12P
Quad Band Power Amplifier Module
08/2003
AWT6108M10P8 ANADIGICS-AWT6108M10P8 Datasheet
316Kb / 12P
Quad Band Power Amplifier Module
08/2003
More results


Similar Description - AWT6108R

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM7M4006 TRIQUINT-TQM7M4006 Datasheet
72Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4014 TRIQUINT-TQM7M4014 Datasheet
207Kb / 8P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
ANADIGICS, Inc
AWT6123 ANADIGICS-AWT6123 Datasheet
214Kb / 10P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier
Rev 0.7
AWT6166 ANADIGICS-AWT6166 Datasheet
246Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 0.3
AWT6166R ANADIGICS-AWT6166R Datasheet
421Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 2.0
AWT6201 ANADIGICS-AWT6201 Datasheet
203Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
Rev 0.7
AWT6202 ANADIGICS-AWT6202 Datasheet
209Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
Rev 0.3
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
Qorvo, Inc
TQM7M5022 QORVO-TQM7M5022 Datasheet
59Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com