Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6123 Datasheet (PDF) - ANADIGICS, Inc

AWT6123 Datasheet PDF - ANADIGICS, Inc
Part # AWT6123
Download  AWT6123 Download
File Size   214.25 Kbytes
Page   10 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description GSM850/GSM900/DCS/PCS Quad Band Power Amplifier

AWT6123 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6123 Datasheet PDF - ANADIGICS, Inc

Part # AWT6123
Download  AWT6123 Click to download

File Size   214.25 Kbytes
Page   10 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description GSM850/GSM900/DCS/PCS Quad Band Power Amplifier

AWT6123 Datasheet (HTML) - ANADIGICS, Inc


AWT6123 Product details

PRODUCT DESCRIPTION
ANADIGICS is introducing two 3-stage power amplifiers designed for high performance in Quad Band Applications. The amplifiers are packaged in a very small 6 x 8mm module. The output power is controlled by changing the voltage applied to the VAPC pin for each amplifier. The part is shut down by removing the regulated supply voltage.

FEATURES
 • InGaP HBT Technology
 • +35dBm GSM Output Power at 3.5V
 • +32.5dBm DCS/PCS Output Power at 3.5V
 • 35% GSM850 PAE (Class 5)
 • 50% GSM850 PAE (Class 4)
 • 55% GSM900 PAE
 • 50% DCS/PCS PAE
 • Low Profile 1.4mm Package
 • Small footprint 6 x 8mm SMT Package
 • GPRS Capable (class 12)

APPLICATIONS
    GSM850/GSM900/DCS/PCS Handsets
    Dual/Tri/Quad Band PDA




Similar Part No. - AWT6123

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
EGSM/DCS/PCS Triple Band Power Amplifier Module
REV 2
AWT6103M5 ANADIGICS-AWT6103M5 Datasheet
139Kb / 4P
Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
REV 1
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
REV 1
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
Cellular Dual Mode AMPS/CDMA
REV 1.2
AWT6105M5 ANADIGICS-AWT6105M5 Datasheet
414Kb / 16P
Cellular Dual Mode AMPS/CDMA
REV 1.2
More results


Similar Description - AWT6123

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM7M4006 TRIQUINT-TQM7M4006 Datasheet
72Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4014 TRIQUINT-TQM7M4014 Datasheet
207Kb / 8P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
List of Unclassifed Man...
RF3140PCBA ETC1-RF3140PCBA Datasheet
253Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS PCS
logo
TriQuint Semiconductor
TQM7M5012H TRIQUINT-TQM7M5012H Datasheet
173Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5022 TRIQUINT-TQM7M5022 Datasheet
59Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012 TRIQUINT-TQM7M5012_15 Datasheet
103Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5022 TRIQUINT-TQM7M5022_15 Datasheet
59Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
Qorvo, Inc
TQM7M5022 QORVO-TQM7M5022 Datasheet
59Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com