Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6166 Datasheet (PDF) - ANADIGICS, Inc

AWT6166 Datasheet PDF - ANADIGICS, Inc
Part # AWT6166
Download  AWT6166 Download
File Size   246.29 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control

AWT6166 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6166 Datasheet PDF - ANADIGICS, Inc

Part # AWT6166
Download  AWT6166 Click to download

File Size   246.29 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control

AWT6166 Datasheet (HTML) - ANADIGICS, Inc


AWT6166 Product details

PRODUCT DESCRIPTION
As with previous generations, the AWT6166 integrated CMOS power control scheme simplifies the design of the transmitter by eliminating the need for external power control circuitry.
The AWT6166 input and output terminals are internal matched to 50 ohms and DC blocked, reducing the number of external components required in the final application. Both PA die, GSM850/900 and DCS/PCS, are fabricated using state of the art InGaP HBT technology, known for it is proven reliability and temperature stability.

FEATURES
• Integrated Vreg (regulated supply)
• Harmonic Performance ≤ -25 dBm
• High Efficiency (PAE) at Pmax:
    -GSM850, 54%
    -GSM900, 56%
    -DCS, 53%
    -PCS, 51%
• +35 dBm GSM850/900 Output Power at 3.5 V
• +33 dBm DCS/PCS Output Power at 3.5 V
• 55 dB dynamic range
• GPRS Class 12 Capable

APPLICATIONS
• Dual/Tri/Quad Band Handsets & PDAs




Similar Part No. - AWT6166

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6166R ANADIGICS-AWT6166R Datasheet
421Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 2.0
AWT6166RM15P8 ANADIGICS-AWT6166RM15P8 Datasheet
421Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 2.0
More results


Similar Description - AWT6166

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM7M4006 TRIQUINT-TQM7M4006 Datasheet
72Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4014 TRIQUINT-TQM7M4014 Datasheet
207Kb / 8P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
ANADIGICS, Inc
AWT6108R ANADIGICS-AWT6108R Datasheet
276Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 1.0
AWT6123 ANADIGICS-AWT6123 Datasheet
214Kb / 10P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier
Rev 0.7
AWT6166R ANADIGICS-AWT6166R Datasheet
421Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 2.0
AWT6201 ANADIGICS-AWT6201 Datasheet
203Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
Rev 0.7
AWT6202 ANADIGICS-AWT6202 Datasheet
209Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
Rev 0.3
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
Qorvo, Inc
TQM7M5022 QORVO-TQM7M5022 Datasheet
59Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com